Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 3 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 3 Page - Green Solution Technology Co., Ltd

  GS7103PP-R Datasheet HTML 1Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 2Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 3Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 4Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 5Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 6Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
3
JUN-16
Pin Configuration
Pin Descriptions
Pin No.
Name
I/O type
Pin Function
PSOP-8
TDFN10-3x3
1
5
POK
O
Open drain output. Setting high impedance once
VOUT reaches 92% of its rating voltage
2
6
EN
I
Chip Enable (active high). The device will be
shutdown if this pin is left open.
3
7,8,9
VIN
I
Input Voltage. Large bulk capacitance should be
placed closely to this pin. A 10μF ceramic
capacitor is recommended at this pin.
4
10
VDD
I
Supply voltage for control circuit. A 3V to 5V
supply voltage for control circuit is recommended
and supply voltage should be 1.5V higher than the
output voltage.
5
NC
Not connected
6
1,2,3
VOUT
O
Output Voltage. The power output of the device.
7
4
FB
I
Feedback Voltage. This pin is connected to the
center tap of an external resistor divider network to
set the output voltage as VOUT = 0.8(R1+R2)/R2.
8
11
GND
I
Ground.
POK
EN
VIN
VDD
GND
FB
VOUT
NC
VOUT
VOUT
VOUT
FB
POK
GND
GND
VDD
VIN
VIN
VIN
EN
PSOP-8
TDFN10-3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com