Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.47 Datasheet (PDF) - ELMOS Semiconductor AG

E910.47 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.47
Download  E910.47 Download
File Size   101.11 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Non volatile contact monitor

E910.47 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.47 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.47
Download  E910.47 Click to download

File Size   101.11 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Non volatile contact monitor

E910.47 Datasheet (HTML) - ELMOS Semiconductor AG


E910.47 Product details

DESCRIPTION
The IC is designed for use in electric power window systems to store and display the status of a childproof lock function of the rear windows. The actual status is stored in three bits of the EEPROM whenever switch activity is detected. The redundant information is checked periodically by a two out of three selection and in case of one bit distinguishes from the others, the dominant information is stored in all three EEPROM cells again.

FEATURES
► Supply voltage range VS 6.9V to 19V
► On chip voltage clamping
► Under voltage reset
► Charge pump to generate programming voltage
► Redundant non - volatile memory
► Periodical check of data consistency
► Automatic data correction in case of inconsistency
► Two I/Os to detect switch activation and drive LEDs
► – 40°C to + 85°C operating temperature
► SO8n package

APPLICATION
► Status IC for switches




Similar Part No. - E910.47

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
More results


Similar Description - E910.47

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9831 ROHM-BU9831 Datasheet
149Kb / 13P
Non-volatile electronic potentiometer
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Seiko Instruments Inc
S-22 SII-S-22 Datasheet
656Kb / 12P
PARALLEL NON-VOLATILE RAM
S-24 SII-S-24 Datasheet
857Kb / 15P
SERIAL NON-VOLATILE RAM
logo
SPANSION
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
logo
ATMEL Corporation
ATXMEGA32A4 ATMEL-ATXMEGA32A4_14 Datasheet
3Mb / 108P
Non-volatile Program and Data Memories
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
Data and Non-volatile Program Memory
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
Non volatile Program and Data Memories
AT90USB1287 ATMEL-AT90USB1287_14 Datasheet
11Mb / 456P
Non-volatile program and data memories
logo
Xilinx, Inc
XCCACE-TQ144 XILINX-XCCACE-TQ144 Datasheet
1Mb / 69P
Non-volatile system solution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com