Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet (PDF) - Microchip Technology

MCP2558FD Datasheet PDF - Microchip Technology
Part # MCP2558FD
Download  MCP2558FD Download
File Size   735.55 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CAN FD Transceiver with Silent Mode

MCP2558FD Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP2558FD Datasheet PDF - Microchip Technology

Part # MCP2558FD
Download  MCP2558FD Click to download

File Size   735.55 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CAN FD Transceiver with Silent Mode

MCP2558FD Datasheet (HTML) - Microchip Technology


MCP2558FD Product details

Features
• Silent Mode is Useful in the Following
Applications:
- Disables transmitter in redundant systems
- Implements babbling idiot protection
- Tests connection of bus medium
- Prevents a faulty CAN controller from
disrupting all network communications
• Optimized for CAN FD at 2, 5 and 8 Mbps
Operation:
- Maximum propagation delay: 120 ns
- Loop delay symmetry: ±10%(2 Mbps)
• Meets or Exceeds Stringent Automotive Design
Requirements Including “Hardware Requirements
for LIN, CAN and FlexRay Interfaces in
Automotive Applications”, Version 1.3, May 2012:
- Conducted emissions at 2 Mbps with
Common-Mode Choke (CMC)
- DPI at 2 Mbps with CMC
• Meets SAE J2962/2 “Communication Transceivers
Qualification Requirements – CAN”
- Passes radiated emissions at 2 Mbps without
a CMC
• Meets Latest ISO/DIS-11898-2:2015
• Meets Latest SAE J2284-4 and -5 Working Drafts
• Digital Inputs of the MCP2557FD are Compatible
to 3.3V and 5V Microcontrollers. RXD Output
Requires a 5V Tolerant Microcontroller Input
• Functional Behavior Predictable Under all Supply
Conditions:
- Device is in Unpowered mode if VDD drops
below Power-on Reset (POR) level
- Device is in Unpowered mode if VIO drops
below POR level
Applications
CAN 2.0 and CAN FD networks in Automotive,
Industrial, Aerospace, Medical, and Consumer
applications.
Description
The MCP2557FD/8FD CAN transceiver family is
designed for high-speed CAN FD applications with up
to 8 Mbps communication speed. The maximum propagation
delay was improved to support longer bus
length.
The device meets automotive requirements for CAN
FD bit rates exceeding 2 Mbps, low quiescent current,
electromagnetic compatibility (EMC) and electrostatic
discharge (ESD).




Similar Part No. - MCP2558FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
High-Speed CAN Transceiver
2002
MCP2551 MICROCHIP-MCP2551 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
MCP2551 MICROCHIP-MCP2551 Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/P MICROCHIP-MCP2551-E/P Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/SN MICROCHIP-MCP2551-E/SN Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
More results


Similar Description - MCP2558FD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1463 NXP-TJA1463 Datasheet
425Kb / 37P
CAN FD signal improvement transceiver with Sleep mode
logo
Microchip Technology
ATA6564 MICROCHIP-ATA6564 Datasheet
1Mb / 28P
High-Speed CAN Transceiver with Silent Mode - CAN FD Ready
09/14/21
logo
Texas Instruments
TCAN1057AEV-Q1 TI-TCAN1057AEV-Q1 Datasheet
1Mb / 30P
TCAN1057AEV-Q1 Grade 0 Fault-Protected CAN FD Transceiver With Silent Mode
DECEMBER 2021
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com