Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 2Page - Microchip Technology MCP2558FD Datasheet HTML 3Page - Microchip Technology MCP2558FD Datasheet HTML 4Page - Microchip Technology MCP2558FD Datasheet HTML 5Page - Microchip Technology MCP2558FD Datasheet HTML 6Page - Microchip Technology MCP2558FD Datasheet HTML 7Page - Microchip Technology MCP2558FD Datasheet HTML 8Page - Microchip Technology MCP2558FD Datasheet HTML 9Page - Microchip Technology MCP2558FD Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MCP2557FD/8FD
DS20005533A-page 6
 2016 Microchip Technology Inc.
1.7
Pin Descriptions
The descriptions of the pins are listed in Table 1-1.
1.7.1
TRANSMITTER DATA
INPUT PIN (TXD)
The CAN transceiver drives the differential output pins
CANH and CANL according to TXD. It is usually
connected to the transmitter data output of the CAN
controller device. When TXD is Low, CANH and CANL
are in the Dominant state. When TXD is High, CANH
and CANL are in the Recessive state, provided that
another CAN node is not driving the CAN bus with a
Dominant state. TXD is connected from an internal pull-
up resistor (nominal 33 k
) to VDD or VIO, in the
MCP2557FD or MCP2558FD, respectively.
1.7.2
GROUND SUPPLY PIN (VSS)
Ground supply pin.
1.7.3
SUPPLY VOLTAGE PIN (VDD)
Positive supply voltage pin. Supplies transmitter and
receiver.
1.7.4
RECEIVER DATA OUTPUT PIN (RXD)
RXD is a CMOS-compatible output that drives High or
Low depending on the differential signals on the CANH
and CANL pins, and is usually connected to the
receiver data input of the CAN controller device. RXD is
High when the CAN bus is Recessive, and Low in the
Dominant state. RXD is supplied by VDD or VIO, in the
MCP2557FD or MCP2558FD, respectively.
1.7.5
NC PIN (MCP2557FD)
No Connect. This pin can be left open or connected to
VSS.
1.7.6
VIO PIN (MCP2557FD)
Supply for digital I/O pins. In the MCP2557FD, the
supply for the digital I/O (TXD, RXD and S) is internally
connected to VDD.
1.7.7
DIGITAL I/O
The MCP2557FD/8FD enable easy interfacing to
MCUs with I/O ranges from 1.8V to 5V.
1.7.7.1
MCP2557FD
The VIH(MIN) and VIL(MAX) for TXD are independent of
VDD. They are set at levels that are compatible with 3V
and 5V microcontrollers.
The RXD pin is always driven to VDD; therefore, a 3V
microcontroller will need a 5V tolerant input.
1.7.7.2
MCP2558FD
VIH and VIL for S and TXD depend on VIO. The RXD pin
is driven to VIO.
1.7.8
CAN LOW PIN (CANL)
The CANL output drives the Low side of the CAN
differential bus. This pin is also tied internally to the
receive input comparator. CANL disconnects from the
bus when the MCP2557FD/8FD devices are not
powered.
1.7.9
CAN HIGH PIN (CANH)
The CANH output drives the high side of the CAN
differential bus. This pin is also tied internally to the
receive input comparator. CANH disconnects from the
bus when the MCP2557FD/8FD devices are not
powered.
TABLE 1-1:
MCP2557FD/8FD PIN DESCRIPTIONS
MCP2557FD
3x 3DFN,
2x 3TDFN
MCP2557FD
SOIC
MCP2558FD
3x 3DFN,
2x3 TDFN
MCP2558FD
SOIC
Symbol
Pin Function
1111
TXD
Transmit Data Input
2222
VSS
Ground
3333
VDD
Supply Voltage
4444
RXD
Receive Data Output
5
5
—
—
NC
No Connect (MCP2557FD only)
——
5
5
VIO
Digital I/O Supply Pin
(MCP2558FD only)
6666
CANL
CAN Low-Level Voltage I/O
7777
CANH
CAN High-Level Voltage I/O
8888
S
Silent Mode Input
9
—
9
—
EP
Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com