Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 7Page - Microchip Technology MCP2558FD Datasheet HTML 8Page - Microchip Technology MCP2558FD Datasheet HTML 9Page - Microchip Technology MCP2558FD Datasheet HTML 10Page - Microchip Technology MCP2558FD Datasheet HTML 11Page - Microchip Technology MCP2558FD Datasheet HTML 12Page - Microchip Technology MCP2558FD Datasheet HTML 13Page - Microchip Technology MCP2558FD Datasheet HTML 14Page - Microchip Technology MCP2558FD Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 11
MCP2557FD/8FD
TABLE 2-1:
DC CHARACTERISTICS
DC Specifications
Electrical Characteristics: Unless otherwise indicated, TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.7V to 5.5V (Note 2), RL =60
CL = 100 pF; unless
otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply
VDD Pin
Voltage Range
VDD
4.5
—
5.5
V
Supply Current
IDD
—2.5
5
mA
Recessive; VTXD =VDD
—
55
70
Dominant; VTXD =0V
Silent Current
IDDS
—1
3
mA
MCP2557FD
—1
3
MCP2558FD Includes IIO
Maximum Supply Current
IDDMAX
—
95
140
mA
Fault condition: VTXD =VSS;
VCANH =VCANL = -5V to +18V
High Level of the POR
Comparator for VDD
VPORH
—
3.0
3.95
V
Note 1
Low Level of the POR
Comparator for VDD
VPORL
1.0
2.0
3.2
V
Note 1
Hysteresis of POR
Comparator for VDD
VPORD
0.2
0.9
2.0
V
Note 1
High Level of the UV
Comparator for VDD
VUVH
4.0
4.25
4.4
V
Low Level of the UV
Comparator for VDD
VUVL
3.6
3.8
4.0
V
Hysteresis of UV comparator
VUVD
—0.4
—
V
Note 1
VIO Pin
Digital Supply Voltage Range
VIO
1.7
—
5.5
V
Supply Current on VIO
IIO
—7
30
µA
Recessive; VTXD =VIO
—
200
400
Dominant; VTXD =0V
High Level of the POR
Comparator for VIO
VPORH_VIO
0.8
1.2
1.7
V
Low Level of the POR
Comparator for VIO
VPORL_VIO
0.7
1.1
1.4
V
Hysteresis of POR
Comparator for VIO
VPORD_VIO
—0.2
—
V
Bus Line (CANH; CANL) Transmitter
CANH; CANL:
Recessive Bus Output Voltage
VO(R)
2.0
0.5 VDD
3.0
V
VTXD = VDD; No load
Recessive Output Current
IO(R)-5—
+5
mA
-24V < VCAN <+24V
CANH: Dominant Output
Voltage
VO(D)
2.75
3.50
4.50
V
TXD =0; RL = 50 to 65
CANL: Dominant Output
Voltage
0.50
1.50
2.25
RL = 50
 to 65
Driver Symmetry
(VCANH+VCANL)/VDD
VSYM
0.9
1.0
1.1
V
1 MHz square wave,
Recessive and Dominant
states, and transition (Note 1)
Note 1:
Characterized; not 100% tested.
2:
Only MCP2558FD has a VIO pin. For MCP2557FD, VIO is internally connected to VDD.
3:
-12V to 12V is ensured by characterization, and tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com