Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 15Page - Microchip Technology MCP2558FD Datasheet HTML 16Page - Microchip Technology MCP2558FD Datasheet HTML 17Page - Microchip Technology MCP2558FD Datasheet HTML 18Page - Microchip Technology MCP2558FD Datasheet HTML 19Page - Microchip Technology MCP2558FD Datasheet HTML 20Page - Microchip Technology MCP2558FD Datasheet HTML 21Page - Microchip Technology MCP2558FD Datasheet HTML 22Page - Microchip Technology MCP2558FD Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 19
MCP2557FD/8FD
FIGURE 2-9:
TIMING DIAGRAM FOR LOOP DELAY SYMMETRY
2.4
Thermal Specifications
Parameter
Sym.
Min.
Typ.
Max.
Units
Temperature Ranges
Specified Temperature Range
TA
-40
—
+150
C
Operating Temperature Range
TA
-40
—
+150
C
Storage Temperature Range
TA
-65
—
+155
C
Package Thermal Resistances
Thermal Resistance, 8LD DFN (3x3)
JA
—56.7
—
C/W
Thermal Resistance, 8LD SOIC
JA
—149.5
—
C/W
Thermal Resistance, 8LD TDFN (2x3)
JA
—53
—
C/W
TXD
5*tBIT(TXD)
TBIT(TXD)
tBIT(RXD)
RXD
8
30%
70%
30%
70%
30%
VDIFF_BUS
tBIT(BUS)
13
500 mV
900 mV
tLOOP(R)
tLOOP(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com