Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 9Page - Microchip Technology MCP2558FD Datasheet HTML 10Page - Microchip Technology MCP2558FD Datasheet HTML 11Page - Microchip Technology MCP2558FD Datasheet HTML 12Page - Microchip Technology MCP2558FD Datasheet HTML 13Page - Microchip Technology MCP2558FD Datasheet HTML 14Page - Microchip Technology MCP2558FD Datasheet HTML 15Page - Microchip Technology MCP2558FD Datasheet HTML 16Page - Microchip Technology MCP2558FD Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 13
MCP2557FD/8FD
Low-Level Input Voltage
VIL
-0.3
—
0.8
V
MCP2557FD
-0.3
—
0.3VIO
MCP2558FD
High-Level Input Current
IIH
-1
—
+1
µA
TXD: Low-Level Input Current
IIL(TXD)
-270
-150
-30
µA
S: Low-Level Input Current
IIL(S)-30
—
-1
µA
Receive Data (RXD) Output
High-Level Output Voltage
VOH
VDD - 0.4
—
—
V
MCP2557FD: IOH =-2 mA;
typical -4 mA
VIO - 0.4
—
—
MCP2558FD:
VIO = 2.7V to 5.5V,
IOH =-1 mA;
VIO = 1.7V to 2.7V,
IOH =-0.5mA,
typical -2 mA
Low-Level Output Voltage
VOL
——
0.4
V
IOL = 4mA; typical 8mA
Thermal Shutdown
Shutdown
Junction Temperature
TJ(SD)
165
175
185
°C
-12V < V(CANH, CANL)< +12V
(Note 1)
Shutdown
Temperature Hysteresis
TJ(HYST)
15
—
30
°C
-12V < V(CANH, CANL)< +12V
(Note 1)
TABLE 2-1:
DC CHARACTERISTICS (CONTINUED)
DC Specifications
Electrical Characteristics: Unless otherwise indicated, TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.7V to 5.5V (Note 2), RL =60
CL = 100 pF; unless
otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Characterized; not 100% tested.
2:
Only MCP2558FD has a VIO pin. For MCP2557FD, VIO is internally connected to VDD.
3:
-12V to 12V is ensured by characterization, and tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com