Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 11Page - Microchip Technology MCP2558FD Datasheet HTML 12Page - Microchip Technology MCP2558FD Datasheet HTML 13Page - Microchip Technology MCP2558FD Datasheet HTML 14Page - Microchip Technology MCP2558FD Datasheet HTML 15Page - Microchip Technology MCP2558FD Datasheet HTML 16Page - Microchip Technology MCP2558FD Datasheet HTML 17Page - Microchip Technology MCP2558FD Datasheet HTML 18Page - Microchip Technology MCP2558FD Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 15
MCP2557FD/8FD
7
Propagation Delay TXD to
RXD
Worst Case of tLOOP(R)
and tLOOP(F) Figure 2-9
tTXD - RXD
—90
120
ns
—
115
150
RL = 150
,
CL = 200 pF(Note 1)
7a
Propagation Delay,
Rising Edge
tLOOP(R)
—
90
120
ns
7b
Propagation Delay,
Falling Edge
tLOOP(F)
—
80
120
ns
8a
Recessive Bit Time on
RXD – 1 Mbps,
Loop Delay Symmetry
(Note 2)
tBIT(RXD), 1M
900
985
1100
ns
tBIT(TXD) = 1000 ns
(Figure 2-9)
800
960
1255
tBIT(TXD) = 1000 ns
(Figure 2-9), RL = 150
,
CL = 200 pF (Note 1)
8b
Recessive Bit Time on
RXD – 2 Mbps,
Loop Delay Symmetry
tBIT(RXD), 2M
450
490
550
ns
tBIT(TXD)= 500 ns
(Figure 2-9)
400
460
550
tBIT(TXD)= 500 ns
(Figure 2-9), RL = 150
,
CL = 200 pF
(Note 1)
8c
Recessive Bit Time on
RXD – 5 Mbps,
Loop Delay Symmetry
tBIT(RXD), 5M
160
190
220
ns
tBIT(TXD)= 200 ns
(Figure 2-9)
8d
Recessive Bit Time on
RXD – 8 Mbps,
Loop Delay Symmetry
(Note 2)
tBIT(RXD), 8M
85
100
135
ns
tBIT(TXD)= 120 ns
(Figure 2-9) (Note 1)
10
Delay Silent to Normal
Mode
tWAKE
—
7
30
µs
Negative edge on S
11
Permanent Dominant
Detect Time
tPDT
0.8
1.9
5
ms
TXD =0V
12
Permanent Dominant
Timer Reset
tPDTR
—
5
—
ns
The shortest recessive
pulse on TXD or CAN bus
to reset Permanent
Dominant Timer
13a
Transmitted Bit Time on
Bus – 1 Mbps (Note 2)
tBIT(BUS), 1M
870
1000
1060
ns
tBIT(TXD) = 1000 ns
(Figure 2-9)
870
1000
1060
tBIT(TXD) = 1000 ns
(Figure 2-9),
RL = 150
, CL =200 pF
(Note 1)
13b
Transmitted Bit Time on
Bus – 2 Mbp
tBIT(BUS), 2M
435
515
530
ns
tBIT(TXD)= 500 ns
(Figure 2-9)
435
480
550
tBIT(TXD)= 500 ns
(Figure 2-9) RL = 150
,
CL = 200 pF (Note 1)
TABLE 2-2:
AC CHARACTERISTICS (CONTINUED)
AC Characteristics
Electrical Characteristics: Unless otherwise indicated, TAMB = -40°C to
+150°C; VDD = 4.5V to 5.5V, VIO = 1.7V to 5.5V (Note 2), RL = 60
CL = 100 pF.
Maximum VDIFF(D)(I)= 3V.
Param.
No.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Characterized, not 100% tested.
2: Not in ISO/DIS-11898-2:2015, but needs to be characterized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com