Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 3 Page - Microchip Technology

  MCP2558FD Datasheet HTML 1Page - Microchip Technology MCP2558FD Datasheet HTML 2Page - Microchip Technology MCP2558FD Datasheet HTML 3Page - Microchip Technology MCP2558FD Datasheet HTML 4Page - Microchip Technology MCP2558FD Datasheet HTML 5Page - Microchip Technology MCP2558FD Datasheet HTML 6Page - Microchip Technology MCP2558FD Datasheet HTML 7Page - Microchip Technology MCP2558FD Datasheet HTML 8Page - Microchip Technology MCP2558FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 3
MCP2557FD/8FD
1.0
DEVICE OVERVIEW
The MCP2557FD/8FD CAN transceiver family is
designed for high-speed CAN FD applications with up
to 8 Mbps communication speed. The product offers a
Silent mode controlled by the Silent mode pin. The
Silent mode is used to disable the CAN transmitter.
This ensures that the device doesn’t drive the CAN
bus.
The
MCP2557FD/8FD
device
provides
differential transmit and receive capability for the CAN
protocol controller, and is fully compatible with
specification ISO/DIS-11898-2:2015.
The loop delay symmetry is tested to support data rates
that are up to 8 Mbps for CAN FD (Flexible Data rate).
The maximum propagation delay was improved to
support longer bus length.
Typically, each node in a CAN system must have a
device convert the digital signals generated by a CAN
controller to signals suitable for transmission over the
bus cabling (differential output). It also provides a buffer
between the CAN controller and the high-voltage
spikes that can be generated on the CAN bus by
outside sources.
1.1
Transmitter Function
The
CAN
bus
has
two
states: Dominant
and
Recessive. A Dominant state occurs when the
differential voltage between CANH and CANL is
greater than VDIFF(D)(I). A Recessive state occurs
when the differential voltage is less than VDIFF(R)(I).
The Dominant and Recessive states correspond to the
Low and High states of the TXD input pin, respectively.
However, a Dominant state initiated by another CAN
node will override a Recessive state on the CAN bus.
1.2
Receiver Function
The RXD output pin reflects the differential bus voltage
between CANH and CANL. The Low and High states of
the RXD output pin correspond to the Dominant and
Recessive states of the CAN bus, respectively.
1.3
Internal Protection
CANH and CANL are protected against battery short
circuits and electrical transients that can occur on the
CAN bus. This feature prevents destruction of the
transmitter output stage during such a fault condition.
The device is further protected from excessive current
loading by thermal shutdown circuitry that disables the
output drivers when the junction temperature exceeds
a nominal limit of +175°C.
All other parts of the chip remain operational, and the
chip temperature is lowered due to the decreased
power dissipation in the transmitter outputs. This
protection is essential to guard against bus line short-
circuit-induced damage. Thermal protection is only
active during Normal mode.
1.4
Permanent Dominant Detection
The MCP2557FD/8FD device prevents a permanent
dominant condition on TXD.
In Normal mode, if the MCP2557FD/8FD detects an
extended Low state on the TXD input, it will disable the
CANH and CANL output drivers in order to prevent
data corruption on the CAN bus. The drivers will remain
disabled until TXD goes High. The high-speed receiver
is active, and data on the CAN bus is received on RXD.
The condition has a time-out of 1.9 ms (typical). This
implies a maximum bit time of 128 µs (7.8 kHz),
allowing up to 18 consecutive dominant bits on the bus.
1.5
Power-on Reset (POR) and
Undervoltage Detection
The MCP2557FD/8FD have POR detection on both
supply pins, VDD and VIO. Typical POR thresholds to
deassert the reset are 1.2V and 3.0V for VIO and VDD,
respectively.
When the device is powered on, CANH and CANL
remain in a high-impedance state until VDD exceeds its
undervoltage level. Once powered on, CANH and
CANL will enter a high-impedance state if the voltage
level at VDD drops below the undervoltage level,
providing voltage brown-out protection during normal
operation.
The receiver output is forced to a Recessive state
during an undervoltage condition on VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com