Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 8Page - Microchip Technology MCP2558FD Datasheet HTML 9Page - Microchip Technology MCP2558FD Datasheet HTML 10Page - Microchip Technology MCP2558FD Datasheet HTML 11Page - Microchip Technology MCP2558FD Datasheet HTML 12Page - Microchip Technology MCP2558FD Datasheet HTML 13Page - Microchip Technology MCP2558FD Datasheet HTML 14Page - Microchip Technology MCP2558FD Datasheet HTML 15Page - Microchip Technology MCP2558FD Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MCP2557FD/8FD
DS20005533A-page 12
 2016 Microchip Technology Inc.
Dominant: Differential Output
Voltage
VO(DIFF)(D)
1.5
2.0
3.0
V
VTXD = VSS; RL = 50
 to 65
(Figure 2-2, Figure 2-4)
(Note 1)
1.4
2.0
3.0
VTXD = VSS; RL = 45
 to 70
(Figure 2-2, Figure 2-4,
Section 3) (Note 1)
1.3
2.0
3.0
VTXD = VSS; RL = 40
 to 75
(Figure 2-2, Figure 2-4,
Section 3)
1.5
—
5.0
VTXD = VSS; RL = 2240
(Figure 2-2, Figure 2-4,
Section 3) (Note 1)
Recessive:
Differential Output Voltage
VO(DIFF)(R)-500
0
50
mV
VTXD = VDD, no load
(Figure 2-2, Figure 2-4)
CANH: Short-Circuit
Output Current
IO(SC)-115
-85
—
mA
VTXD = VSS; VCANH =-3V;
CANL: floating
CANL: Short Circuit
Output Current
—75
+115
mA
VTXD = VSS; VCANL = +18V;
CANH: floating
Bus Line (CANH; CANL) Receiver
Recessive Differential
Input Voltage
VDIFF(R)(I)
-4.0
—
+0.5
V
-12V < V(CANH, CANL)< +12V;
see Figure 2-6 (Note 3)
Dominant Differential
Input Voltage
VDIFF(D)(I)
0.9
—
9.0
V
-12V < V(CANH, CANL)< +12V;
see Figure 2-6 (Note 3)
Differential
Receiver Threshold
VTH(DIFF)
0.5
0.7
0.9
V
-12V < V(CANH, CANL)< +12V;
see Figure 2-6 (Note 3)
Differential
Input Hysteresis
VHYS(DIFF)
30
—
200
mV
See Figure 2-6, (Note 1)
Single Ended
Input Resistance
RCAN_H,
RCAN_L
6—
50
k
Note 1
Internal
Resistance Matching
mR=2*(RCANH-RCANL)/(RCANH+RCANL)
mR
-3
0
+3
%
VCANH =VCANL (Note 1)
Differential Input
Resistance
RDIFF
12
25
100
k
Note 1
Internal Capacitance
CIN
—
20
—
pF
1 Mbps (Note 1)
Differential
Internal Capacitance
CDIFF
—
10
—
pF
1 Mbps (Note 1)
CANH, CANL:
Input Leakage
ILI
-5
—
+5
µA
VDD =VTXD =VS =0V.
For MCP2558FD, VIO =0V.
VCANH =VCANL =5 V.
Digital Input Pins (TXD, S)
High-Level Input Voltage
VIH
2.0
—
VDD +0.3
V
MCP2557FD
0.7 VIO
—VIO +0.3
MCP2558FD
TABLE 2-1:
DC CHARACTERISTICS (CONTINUED)
DC Specifications
Electrical Characteristics: Unless otherwise indicated, TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.7V to 5.5V (Note 2), RL =60
CL = 100 pF; unless
otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Characterized; not 100% tested.
2:
Only MCP2558FD has a VIO pin. For MCP2557FD, VIO is internally connected to VDD.
3:
-12V to 12V is ensured by characterization, and tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com