Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 1 Page - Microchip Technology

  MCP2558FD Datasheet HTML 1Page - Microchip Technology MCP2558FD Datasheet HTML 2Page - Microchip Technology MCP2558FD Datasheet HTML 3Page - Microchip Technology MCP2558FD Datasheet HTML 4Page - Microchip Technology MCP2558FD Datasheet HTML 5Page - Microchip Technology MCP2558FD Datasheet HTML 6Page - Microchip Technology MCP2558FD Datasheet HTML 7Page - Microchip Technology MCP2558FD Datasheet HTML 8Page - Microchip Technology MCP2558FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 1
MCP2557FD/8FD
Features
•
Silent Mode is Useful in the Following
Applications:
- Disables transmitter in redundant systems
- Implements babbling idiot protection
- Tests connection of bus medium
- Prevents
a
faulty
CAN
controller
from
disrupting all network communications
• Optimized for CAN FD at 2, 5 and 8 Mbps
Operation:
- Maximum propagation delay: 120 ns
- Loop delay symmetry: ±10%(2 Mbps)
• Meets or Exceeds Stringent Automotive Design
Requirements Including “Hardware Require-
ments for LIN, CAN and FlexRay Interfaces in
Automotive Applications”, Version 1.3, May 2012:
- Conducted emissions at 2 Mbps with
Common-Mode Choke (CMC)
- DPI at 2 Mbps with CMC
• Meets SAE J2962/2 “Communication Transceiv-
ers Qualification Requirements – CAN”
- Passes radiated emissions at 2 Mbps without
a CMC
• Meets Latest ISO/DIS-11898-2:2015
• Meets Latest SAE J2284-4 and -5 Working Drafts
• Digital Inputs of the MCP2557FD are Compatible
to 3.3V and 5V Microcontrollers. RXD Output
Requires a 5V Tolerant Microcontroller Input
• Functional Behavior Predictable Under all Supply
Conditions:
- Device is in Unpowered mode if VDD drops
below Power-on Reset (POR) level
- Device is in Unpowered mode if VIO drops
below POR level
Applications
CAN 2.0 and CAN FD networks in Automotive,
Industrial,
Aerospace,
Medical,
and
Consumer
applications.
Description
The MCP2557FD/8FD CAN transceiver family is
designed for high-speed CAN FD applications with up
to 8 Mbps communication speed. The maximum prop-
agation delay was improved to support longer bus
length.
The device meets automotive requirements for CAN
FD bit rates exceeding 2 Mbps, low quiescent current,
electromagnetic compatibility (EMC) and electrostatic
discharge (ESD).
Package Types
MCP2557FD/8FD Family Members
MCP2558FD
SOIC
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 VIO
S
TXD
MCP2557FD
SOIC
VDD
VSS
RXD
CANH
CANL
NC
S
TXD
MCP2557FD
2x3 TDFN*
MCP2558FD
2x3 TDFN*
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 NC
S
TXD
VDD
VSS
RXD
CANH
CANL
VIO
S
TXD
MCP2558FD
3x3 DFN*
MCP2557FD
3x3 DFN*
VDD
VSS
RXD
CANH
CANL
NC
S
TXD
VDD
VSS
RXD
CANH
CANL
VIO
S
TXD
1
2
3
4
8
7
6
5
EP
9
1
2
3
4
8
7
6
5
EP
9
1
2
3
4
8
7
6
5
EP
9
1
2
3
4
8
7
6
5
EP
9
*Includes Exposed Thermal Pad (EP); see Table 1-1.
Device
VIO Pin
NC
TTL I/O
VIO I/O
Description
MCP2557FD
N/A
Yes
Yes
N/A
—
MCP2558FD
Yes
N/A
N/A
Yes
Internal level shifter on digital I/O pins.
Note:
For ordering information, see the Product Identification System section.
CAN FD Transceiver with Silent Mode


Similar Part No. - MCP2558FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
High-Speed CAN Transceiver
2002
MCP2551 MICROCHIP-MCP2551 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
MCP2551 MICROCHIP-MCP2551 Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/P MICROCHIP-MCP2551-E/P Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/SN MICROCHIP-MCP2551-E/SN Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
More results

Similar Description - MCP2558FD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1463 NXP-TJA1463 Datasheet
425Kb / 37P
CAN FD signal improvement transceiver with Sleep mode
logo
Microchip Technology
ATA6564 MICROCHIP-ATA6564 Datasheet
1Mb / 28P
High-Speed CAN Transceiver with Silent Mode - CAN FD Ready
09/14/21
logo
Texas Instruments
TCAN1057AEV-Q1 TI-TCAN1057AEV-Q1 Datasheet
1Mb / 30P
TCAN1057AEV-Q1 Grade 0 Fault-Protected CAN FD Transceiver With Silent Mode
DECEMBER 2021
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com