Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 4 Page - Microchip Technology

  MCP2558FD Datasheet HTML 1Page - Microchip Technology MCP2558FD Datasheet HTML 2Page - Microchip Technology MCP2558FD Datasheet HTML 3Page - Microchip Technology MCP2558FD Datasheet HTML 4Page - Microchip Technology MCP2558FD Datasheet HTML 5Page - Microchip Technology MCP2558FD Datasheet HTML 6Page - Microchip Technology MCP2558FD Datasheet HTML 7Page - Microchip Technology MCP2558FD Datasheet HTML 8Page - Microchip Technology MCP2558FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP2557FD/8FD
DS20005533A-page 4
 2016 Microchip Technology Inc.
1.6
Mode Control
Figure 1-1 shows the state diagram of the MCP2557FD/
8FD.
1.6.1
UNPOWERED MODE (POR)
The MCP2557FD/8FD enters Unpowered mode if any
of the following conditions occur:
• After powering up the device
•If VDD drops below VPORL
•If VIO drops below VPORL_VIO
In Unpowered mode, the CAN bus will be biased to
ground using a high impedance. The MCP2557FD/
8FD is not able to communicate on the bus.
1.6.2
WAKE MODE
The MCP2557FD/8FD transitions from Unpowered
mode to Wake mode when VDD and VIO are above
their PORH levels. From Normal mode, if VDD is
smaller than VUVL, or if the bandgap output voltage is
not within valid range, the device will also enter Wake
mode.
In Wake mode, the CAN bus is biased to ground and
RXD is always high.
1.6.3
NORMAL MODE
When VDD exceeds VUVH, the band gap is within valid
range and TXD is High, the device transitions into
Normal mode. During POR, when the microcontroller
powers up, the TXD pin could be unintentionally pulled
down by the microcontroller powering up. To avoid
driving the bus during a POR of the microcontroller,
the transceiver proceeds to Normal mode only after
TXD is high.
In Normal mode, the driver block is operational and
can drive the bus pins. The slopes of the output
signals on CANH and CANL are optimized to reduce
Electromagnetic Emissions (EME). The CAN bus is
biased to VDD/2.
The high-speed differential receiver is active.
1.6.4
SILENT MODE
The device may be placed in Silent mode by applying
a high level to the ‘S’ pin (pin 8). In Silent mode, the
transmitter is disabled and the CAN bus is biased to
VDD/2. The high-speed differential receiver is active.
The CAN controller must put the MCP2557FD/8FD
back into Normal mode to enable the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com