Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2558FD Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 10Page - Microchip Technology MCP2558FD Datasheet HTML 11Page - Microchip Technology MCP2558FD Datasheet HTML 12Page - Microchip Technology MCP2558FD Datasheet HTML 13Page - Microchip Technology MCP2558FD Datasheet HTML 14Page - Microchip Technology MCP2558FD Datasheet HTML 15Page - Microchip Technology MCP2558FD Datasheet HTML 16Page - Microchip Technology MCP2558FD Datasheet HTML 17Page - Microchip Technology MCP2558FD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MCP2557FD/8FD
DS20005533A-page 14
 2016 Microchip Technology Inc.
FIGURE 2-2:
PHYSICAL BIT REPRESENTATION AND SIMPLIFIED BIAS IMPLEMENTATION
TABLE 2-2:
AC CHARACTERISTICS
AC Characteristics
Electrical Characteristics: Unless otherwise indicated, TAMB = -40°C to
+150°C; VDD = 4.5V to 5.5V, VIO = 1.7V to 5.5V (Note 2), RL = 60
CL = 100 pF.
Maximum VDIFF(D)(I)= 3V.
Param.
No.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
1Bit Time
tBIT
0.125
—
69.44
µs
2
Nominal Bit Rate
NBR
14.4
—
8000
kbps
3
Delay TXD Low to Bus
Dominant
tTXD-BUSON
—50
85
ns
Note 1
4
Delay TXD High to Bus
Recessive
tTXD-BUSOFF
—40
85
ns
Note 1
5
Delay Bus Dominant to
RXD
tBUSON-RXD
—70
85
ns
Note 1
6
Delay Bus Recessive to
RXD
tBUSOFF-RXD
—
110
145
ns
Note 1
Note 1: Characterized, not 100% tested.
2: Not in ISO/DIS-11898-2:2015, but needs to be characterized.
Time
CANH
CANL
Normal Mode
Silent Mode
Recessive
Recessive
Dominant
CANL
CANH
RxD
VDD
Normal and Silent
Unpowered
Recessive
VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com