Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet (PDF) - Texas Instruments

INA148UA/2K5 Datasheet PDF - Texas Instruments
Part # INA148UA/2K5
Download  INA148UA/2K5 Download
File Size   258.33 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER

INA148UA/2K5 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA148UA/2K5 Datasheet PDF - Texas Instruments

Part # INA148UA/2K5
Download  INA148UA/2K5 Click to download

File Size   258.33 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER

INA148UA/2K5 Datasheet (HTML) - Texas Instruments


INA148UA/2K5 Product details

FEATURES
HIGH COMMON-MODE VOLTAGE:
+75V at VS = +5V
±200V at VS = ±15V
FIXED DIFFERENTIAL GAIN = 1V/V
LOW QUIESCENT CURRENT: 260mA
WIDE SUPPLY RANGE:
Single Supply: 2.7V to 36V
Dual Supplies: ±1.35V to ±18V
LOW GAIN ERROR: 0.075% max
LOW NONLINEARITY: 0.002% max
HIGH CMR: 86dB
SO-8 PACKAGE

APPLICATIONS
CURRENT SHUNT MEASUREMENTS
DIFFERENTIAL SENSOR AMPLIFIERS
LINE RECEIVERS
BATTERY POWERED SYSTEMS
AUTOMOTIVE INSTRUMENTATION
STACKED CELL MONITORS

DESCRIPTION
The INA148 is a precision, low-power, unity-gain
difference amplifier with a high common-mode input
voltage range. It consists of a monolithic precision
bipolar op amp with a thin-film resistor network.
The on-chip resistors are laser trimmed for an accurate
1V/V differential gain and high common-mode
rejection. Excellent temperature tracking of the resistor
network maintains high gain accuracy and common-
mode rejection over temperature. The INA148
will operate on single or dual supplies.
The INA148 is available in a small SO-8 surfacemount
package and it is specified for the –40°C to
+85°C extended industrial temperature range.




Similar Part No. - INA148UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA148UA/2K5 TI1-INA148UA/2K5 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148UA/2K5G4 TI1-INA148UA/2K5G4 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Similar Description - INA148UA/2K5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com