Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA148UA/2K5
Description  ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA148UA/2K5 Datasheet HTML 1Page - Texas Instruments INA148UA/2K5 Datasheet HTML 2Page - Texas Instruments INA148UA/2K5 Datasheet HTML 3Page - Texas Instruments INA148UA/2K5 Datasheet HTML 4Page - Texas Instruments INA148UA/2K5 Datasheet HTML 5Page - Texas Instruments INA148UA/2K5 Datasheet HTML 6Page - Texas Instruments INA148UA/2K5 Datasheet HTML 7Page - Texas Instruments INA148UA/2K5 Datasheet HTML 8Page - Texas Instruments INA148UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
®
INA148
©1999 Burr-Brown Corporation
PDS-1579A
Printed in U.S.A.December, 1999
FEATURES
q HIGH COMMON-MODE VOLTAGE:
+75V at V
S = +5V
±200V at V
S = ±15V
q FIXED DIFFERENTIAL GAIN = 1V/V
q LOW QUIESCENT CURRENT: 260
µA
q WIDE SUPPLY RANGE:
Single Supply: 2.7V to 36V
Dual Supplies:
±1.35V to ±18V
q LOW GAIN ERROR: 0.075% max
q LOW NONLINEARITY: 0.002% max
q HIGH CMR: 86dB
q SO-8 PACKAGE
±200V Common-Mode Voltage
DIFFERENCE AMPLIFIER
DESCRIPTION
The INA148 is a precision, low-power, unity-gain
difference amplifier with a high common-mode input
voltage range. It consists of a monolithic precision
bipolar op amp with a thin-film resistor network.
The on-chip resistors are laser trimmed for an accu-
rate 1V/V differential gain and high common-mode
rejection. Excellent temperature tracking of the resis-
tor network maintains high gain accuracy and com-
mon-mode rejection over temperature. The INA148
will operate on single or dual supplies.
The INA148 is available in a small SO-8 surface-
mount package and it is specified for the –40
°C to
+85
°C extended industrial temperature range.
APPLICATIONS
q CURRENT SHUNT MEASUREMENTS
q DIFFERENTIAL SENSOR AMPLIFIERS
q LINE RECEIVERS
q BATTERY POWERED SYSTEMS
q AUTOMOTIVE INSTRUMENTATION
q STACKED CELL MONITORS
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com
INA148
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
V+
V
IN
7
3
2
6
41
A1
INA148
V–
Ref
V
O
+
V
IN
–
SBOS123


Similar Part No. - INA148UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA148UA/2K5 TI1-INA148UA/2K5 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148UA/2K5G4 TI1-INA148UA/2K5G4 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results

Similar Description - INA148UA/2K5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com