Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA148UA/2K5
Description  ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148UA/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  INA148UA/2K5 Datasheet HTML 1Page - Texas Instruments INA148UA/2K5 Datasheet HTML 2Page - Texas Instruments INA148UA/2K5 Datasheet HTML 3Page - Texas Instruments INA148UA/2K5 Datasheet HTML 4Page - Texas Instruments INA148UA/2K5 Datasheet HTML 5Page - Texas Instruments INA148UA/2K5 Datasheet HTML 6Page - Texas Instruments INA148UA/2K5 Datasheet HTML 7Page - Texas Instruments INA148UA/2K5 Datasheet HTML 8Page - Texas Instruments INA148UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
®
INA148
SPECIFICATIONS: VS = +5V Single Supply
At TA = +25°C, RL = 10kΩ connected to VS/2 and Ref pin connected to VS/2, unless otherwise noted.
INA148UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE (VO)
RTI(1)(2)
Input Offset Voltage
VOS
VCM = V
S/2
±1
±5mV
Drift
∆V
OS/∆T
At TA = –40°C to +85°C
±10
µV°C
vs Power Supply
PSRR
VS = +2.7V to +36V, VCM = V
S/2
±50
±400
µV/V
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(VIN
+ ) – (V
IN
– ) = 0V, V
REF = 0.25V
–4
+75
V
(VIN
+ ) – (V
IN
– ) = 0V, V
REF = VS/2
–47.5
+32.5
V
Common-Mode Rejection
CMRR
VCM = –47.5V to +32.5V, RS = 0Ω
70
86
dB
INPUT IMPEDANCE
Differential
2M
Ω
Common Mode
1M
Ω
NOISE
RTI(1)(3)
Voltage Noise, f = 0.1Hz to 10Hz
en
17
µVp-p
Voltage Noise Density, f = 1kHz
880
nV/
√Hz
GAIN
Initial(1)
1
V/V
Gain Error
VO = +0.5V to +3.5V
±0.01
±0.075
%
vs Temperature
±3
±10
ppm/
°C
Nonlinearity
VO = +0.5V to +3.5V
±0.001
% of FSR
FREQUENCY RESPONSE
Small Signal Bandwidth
100
kHz
Slew Rate
1V/
µs
Settling Time: 0.1%
VS = +5V, 3V Step
21
µs
0.01%
VS = +5V, 3V Step
25
µs
Overload Recovery
50% Input Overload
13
µs
OUTPUT (VO)
Voltage Output
RL = 100kΩ
(V–) + 0.25
(V+) – 1
V
RL = 10kΩ
(V–) + 0.5
(V+) – 1.5
V
Output Current
IO
Short-Circiuit Current
Continuous to Common
±8mA
Capacitive Load
Stable Operation
10
nF
POWER SUPPLY
Operating Range, Single Supply
+2.7
+36
V
Quiescent Current
VIN = 0, IO = 0
260
300
µA
TEMPERATURE RANGE
Specified
–40
85
°C
Operating
–55
125
°C
Storage
–55
125
°C
Thermal Resistance
θ
JA
SO-8 Surface Mount
150
°C/W
NOTES: (1) Overall difference amplifier configuration. Referred to input pins (VIN
+ and V
IN
– ), gain = 1V/V (2) Input offset voltage specification includes effects of
amplifier's input bias and offset currents. (3) Includes effects of input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com