Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA148UA/2K5
Description  ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148UA/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA148UA/2K5 Datasheet HTML 7Page - Texas Instruments INA148UA/2K5 Datasheet HTML 8Page - Texas Instruments INA148UA/2K5 Datasheet HTML 9Page - Texas Instruments INA148UA/2K5 Datasheet HTML 10Page - Texas Instruments INA148UA/2K5 Datasheet HTML 11Page - Texas Instruments INA148UA/2K5 Datasheet HTML 12Page - Texas Instruments INA148UA/2K5 Datasheet HTML 13Page - Texas Instruments INA148UA/2K5 Datasheet HTML 14Page - Texas Instruments INA148UA/2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
®
INA148
FIGURE 6. Quasi-AC-Coupled Differential Amplifier.
FIGURE 7. Single-Supply Differential Amplifier.
FIGURE 8. Battery Monitor Circuit.
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
–V
S
V
IN
4
3
2
6
A1
INA148
V
O
+
V
IN
–
0.22
µF
1
V
REF
+V
S
–V
S
+V
S
7
U2:
OPA132 for V
S = ±5V to ±15V
OPA340 for V
S = ±2.5
1M
Ω
U1
f
C ≅ 0.75 Hz HPF
2
3
U2
4
7
6
V
O = (VIN – VIN) + VREF
–
+
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
V
IN
3
2
6
41
A1
INA148
V
O
+5V
+
V
IN
–
7
0.1
µF
+5V
V
CM = –23V to +56V
V
O = (VIN – VIN) + 1.235V
REF1004-1.2
10
µF
5
Ω
34k
Ω
+–
+
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
3
2
6
1
A1
INA148
REF1004-1.2
10
µF
5
Ω
7
0.1
µF
4
0.01
Ω
+
+
–
28V
Supply
I
C
271k
Ω
V
O = 1.235V + (IC • RS)
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com