Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA148UA/2K5
Description  ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148UA/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA148UA/2K5 Datasheet HTML 3Page - Texas Instruments INA148UA/2K5 Datasheet HTML 4Page - Texas Instruments INA148UA/2K5 Datasheet HTML 5Page - Texas Instruments INA148UA/2K5 Datasheet HTML 6Page - Texas Instruments INA148UA/2K5 Datasheet HTML 7Page - Texas Instruments INA148UA/2K5 Datasheet HTML 8Page - Texas Instruments INA148UA/2K5 Datasheet HTML 9Page - Texas Instruments INA148UA/2K5 Datasheet HTML 10Page - Texas Instruments INA148UA/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
®
INA148
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±15V, RL = 10kΩ to common, and VREF = 0V, unless otherwise noted.
24
18
12
6
0
Offset Voltage, RTI (mV)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
V
S = ±15V
24
20
16
12
8
4
0
Offset Voltage, RTI (mV)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
V
S = ±2.5V
20
15
10
5
0
Offset Voltage Drift, RTI (
µV/°C)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
V
S = ±15V
Offset Voltage Drift, RTI (
µV/°C)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
V
S = ±2.5V
20
15
10
5
0
40
30
20
10
0
Gain Drift (ppm/
°C)
GAIN DRIFT PRODUCTION DISTRIBUTION
V
S = ±15V
40
30
20
10
0
Gain Drift (ppm/
°C)
GAIN DRIFT PRODUCTION DISTRIBUTION
V
S = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com