Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA148UA/2K5
Description  ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148UA/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA148UA/2K5 Datasheet HTML 5Page - Texas Instruments INA148UA/2K5 Datasheet HTML 6Page - Texas Instruments INA148UA/2K5 Datasheet HTML 7Page - Texas Instruments INA148UA/2K5 Datasheet HTML 8Page - Texas Instruments INA148UA/2K5 Datasheet HTML 9Page - Texas Instruments INA148UA/2K5 Datasheet HTML 10Page - Texas Instruments INA148UA/2K5 Datasheet HTML 11Page - Texas Instruments INA148UA/2K5 Datasheet HTML 12Page - Texas Instruments INA148UA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
®
INA148
FIGURE 2. Optional Offset Trim Voltage.
FIGURE 3. Preferred Offset Trim Circuit.
THE GAIN EQUATION
An internal on-chip resistor network sets the overall differ-
ential gain of the INA148 to precisely 1V/V. It’s output is
accordance with the equation:
VOUT = (VIN
+ – V
IN
– ) + V
REF
(1)
COMMON-MODE RANGE
The 20:1 input resistor ratio of the INA148 provides an input
common-mode range that extends well beyond its power
supply rails.
The exact input voltage range depends on the amplifier’s
power-supply voltage and the voltage applied to the Ref
terminal (pin 1). Typical input voltage ranges at different
power supply voltages can be found in the applications
circuits section.
OFFSET TRIM
The INA148 is laser-trimmed for low offset voltage and
drift. Most applications will require no external offset ad-
justment.
Since a voltage applied to the reference (Ref) pin (pin 1) will
be summed directly into the amplifier’s output signal, this
technique can be used to null the amplifier’s input offset
voltage. Figure 2 shows an optional circuit for trimming the
offset voltage.
To maintain high common-mode rejection (CMR), the source
impedance of any signal applied to the Ref terminal should
be very low (
≤5Ω).
A source impedance of only 10
Ω at the Ref pin will reduce
the INA148’s CMR to approximately 74dB. High CMR can
be restored if a resistor is added in series with the amplifier’s
positive input terminal (pin 3). This resistor should be 19
times the source impedance that drives the Ref pin. For
example, if the Ref pin sees a source impedance of 10
Ω, a
resistor of 190
Ω should be added in series with pin 3.
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
10k
Ω
10k
Ω
+15V
–15V
10
Ω
2.7778k
Ω
1M
Ω
190
Ω
V
IN
7
3
2
6
41
A1
INA148
–V
S
V
O
+
V
IN
–
+V
S
V
O = (VIN – VIN) + VREF
–
+
±15mV Offset
Trim Range, RTI
V
REF
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
V
IN
7
3
2
6
4
1
A1
INA148
–15V
V
O
+
V
IN
–
+15V
±15mV Offset
Trim Range, RTI
100k
Ω
100k
Ω
100
Ω
+15V
–15V
V
REF
OPA237
V
O = (VIN – VIN) + VREF
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com