Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA148UA/2K5
Description  ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148UA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA148UA/2K5 Datasheet HTML 6Page - Texas Instruments INA148UA/2K5 Datasheet HTML 7Page - Texas Instruments INA148UA/2K5 Datasheet HTML 8Page - Texas Instruments INA148UA/2K5 Datasheet HTML 9Page - Texas Instruments INA148UA/2K5 Datasheet HTML 10Page - Texas Instruments INA148UA/2K5 Datasheet HTML 11Page - Texas Instruments INA148UA/2K5 Datasheet HTML 12Page - Texas Instruments INA148UA/2K5 Datasheet HTML 13Page - Texas Instruments INA148UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
®
INA148
Preferably, the offset trim voltage applied to the Ref pin
should be buffered with an amp such as an OPA237
(see Figure 3). In this case, the op amp output impedance is
low enough that no external resistor is needed to maintain
the INA148’s excellent CMR.
INPUT IMPEDANCE
The input resistor network determines the impedance of
each of the INA148’s inputs. It is approximately 1M
Ω.
Unlike an instrumentation amplifier, signal source imped-
ances at the two input terminals must be nearly equal to
maintain good common-mode rejection.
A mismatch between the two inputs’ source impedances will
cause a differential amplifier’s common-mode rejection to
be degraded. With a source impedance imbalance of only
500
Ω, CMR can fall to approximately 66dB.
Figure 4 shows a common application—measuring power
supply current through a shunt resistor (RS). A shunt resistor
creates an unbalanced source resistance condition that can
degrade a differential amplifier’s common mode rejection.
Unless the shunt resistor is less than approximately 100
Ω, an
additional equal compensating resistor (RC) is recommended
to maintain input balance and high CMR.
Source impedances (or shunts) greater than 5k
Ω are not
recommended, even if they are “perfectly” compensated.
This is because the internal resistor network is laser-trimmed
for accurate voltage divider ratios, but not necessarily to
absolute values. Input resistors are shown as 1M
Ω, however,
this is only their nominal value.
In practice, the input resistors’ absolute values may vary by
as much as 30 percent. The two input resistors match to
about 5 percent, so adding compensating resistors greater
than 5k
Ω can cause a serious mismatch in the resulting
resistor network voltage divider ratios, thus degrading CMR.
Attempts to extend the INA148 input voltage range by
adding external resistors is not recommended for the reasons
just described in the last paragraph. CMR will suffer a
serious degradation unless the resistors are carefully trimmed
for CMR and gain. This is an iterative adjustment and can be
tedious and time consuming.
FIGURE 4. Shunt-Resistor Current Measurement Circuit.
FIGURE 5. AC-Coupled Difference Amplifier.
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
R
C
R
S
I
L
V
CM
7
3
200V
2
6
41
A1
INA148
–15V
V
O
+15V
LOAD
V
O = IL • RS
Make R
C = RS if RS ≥ 100Ω
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
7
3
2
6
41
A1
INA148
–15V
V
O
+15V
Typical CMR: 50Hz = 59dB
60Hz = 61dB
400Hz = 78dB
NOTE: (1) Metallized polypropylene,
±5% tolerance.
C
1
4.7
µF(1)
250V
C
2
4.7
µF(1)
250V
V
IN
+
V
IN
–
V
CM = 200Vpk
V
O = (VIN – VIN)
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com