Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP87190 Datasheet (PDF) - Monolithic Power Systems

MP87190 Datasheet PDF - Monolithic Power Systems
Part # MP87190
Download  MP87190 Download
File Size   134.6 Kbytes
Page   1 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 90A, Intelli-PhaseTM DrMOS Solution in TLGA-41 (5mmx6mm) Package with Quiet SwitcherTM Technology and 5V PVCC

MP87190 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP87190 Datasheet PDF - Monolithic Power Systems

Part # MP87190
Download  MP87190 Click to download

File Size   134.6 Kbytes
Page   1 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 90A, Intelli-PhaseTM DrMOS Solution in TLGA-41 (5mmx6mm) Package with Quiet SwitcherTM Technology and 5V PVCC

MP87190 Datasheet (HTML) - Monolithic Power Systems


MP87190 Product details

DESCRIPTION
The MP87190 is a monolithic half-bridge with built-in internal power MOSFETs and gate drivers. It achieves up to 90A of continuous output current (IOUT) across a wide input voltage (VIN) supply range.
Quiet SwitcherTM technology (QST) utilizes a proprietary circuit design that can only be achieved in a monolithic architecture to suppress voltage ringing. This technology limits the peak switching voltage to <2V above VIN, improving device reliability, lowering EMI, and reducing sensitivity to PCB layout.
The MP87190 offers many features to simplify system design. This device operates with tristate pulse-width modulation (PWM) signal controllers, and features Accu-SenseTM current sensing and temperature sensing, to monitor the inductor current (IL) and report the junction temperature (TJ), respectively.
The MP87190 is ideal for server and telecom applications where efficiency and small size are at a premium. The MP87190 is available in TLGA-41 (5mmx6mm) package.

FEATURES
• Quiet SwitcherTM Technology (QST) Limits Peak Switching Voltages to <2V above the Input Voltage (VIN) with Minimal Reliance on PCB Layout
• Wide 3V to 16V Operating VIN Range
• 90A Output Current (IOUT)
• 5V PVCC Operation
• Current Sense: Accu-SenseTM
• Temperature Sense
• Accepts Tri-State Pulse-Width Modulation (PWM) Signal
• Current-Limit Protection
• Over-Temperature Protection (OTP)
• Fault Reporting
• Available in a TLGA-41 (5mmx6mm) Package

APPLICATIONS
• Server Core Voltage
• Telecom and Networking Systems
• Power Modules




Similar Part No. - MP87190

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8719 MPS-MP8719 Datasheet
1Mb / 22P
26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
MP8719GQ MPS-MP8719GQ Datasheet
1Mb / 22P
26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
More results


Similar Description - MP87190

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3812 IRF-IRDC3812 Datasheet
2Mb / 16P
The IR3812 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3820 IRF-IRDC3820 Datasheet
934Kb / 16P
The IR3820 is a synchronous buck converter, providing a compact, highperformance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3821 IRF-IRDC3821 Datasheet
953Kb / 16P
The IR3821 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3847-P1V2 IRF-IRDC3847-P1V2 Datasheet
3Mb / 13P
The IR3847 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm QFN package.
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com