Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3983 Datasheet (PDF) - Texas Instruments

LP3983 Datasheet PDF - Texas Instruments
Part # LP3983
Download  LP3983 Download
File Size   396.87 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package

LP3983 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3983 Datasheet PDF - Texas Instruments

Part # LP3983
Download  LP3983 Click to download

File Size   396.87 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package

LP3983 Datasheet (HTML) - Texas Instruments


LP3983 Product details

1FEATURES
2• Miniature 5 Pin Package
• Logic Controlled Enable
• No Noise Bypass Capacitor Required
• Stable with Low ESR Ceramic Capacitors
• Fast Turn ON
• Short Circuit Protection

APPLICATIONS
• GSM Portable Phones
• CDMA Cellular Handsets
• Bluetooth Devices
• Portable Information Appliances

KEY SPECIFICATIONS
• Input Voltage Range: 2.5V to 6.0V
• Output Voltages: 1.6V, 1.8V, and 2.5V
• Output Current: 5 mA
• Output Capacitors: 1μF Low ESR
• Virtually Zero IQ (Disabled): 1.0 μA
• Low IQ (Enabled): 14 μA
• PSRR: 10 dB
• Fast Start Up: 170 μs

DESCRIPTION
The LP3983 is a fixed voltage low current regulator.
The LP3983 is ideally suited to standby type
applications in battery powered equipment, it allows
the lifetime of the battery to be maximized. The
device can be controlled via an Enable(disable)
control and can thus be used by the system to further
extend the battery lifetime by reducing the power
consumption to virtually zero.
Performance is specified for a -40°C to 125°C
temperature range.
For output voltages other than those stated and
alternative package options, please contact your local
NSC sales office.

Package
• 5 Bump Thin DSBGA Package




Similar Part No. - LP3983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3983-AB6F POWER-LP3983-AB6F Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
Ultra-Low-Noise for RF Application
logo
Texas Instruments
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
More results


Similar Description - LP3983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
logo
Texas Instruments
LP3987ITL-2.6 TI-LP3987ITL-2.6 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
LP3983 TI-LP3983_15 Datasheet
820Kb / 15P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
LP3984 TI-LP3984_15 Datasheet
1Mb / 19P
LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O DSBGA Package
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP3987 TI-LP3987_15 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator With Sleep MODE
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com