Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3983 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3983
Description  LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3983 Datasheet(HTML) 1 Page - Texas Instruments

  LP3983 Datasheet HTML 1Page - Texas Instruments LP3983 Datasheet HTML 2Page - Texas Instruments LP3983 Datasheet HTML 3Page - Texas Instruments LP3983 Datasheet HTML 4Page - Texas Instruments LP3983 Datasheet HTML 5Page - Texas Instruments LP3983 Datasheet HTML 6Page - Texas Instruments LP3983 Datasheet HTML 7Page - Texas Instruments LP3983 Datasheet HTML 8Page - Texas Instruments LP3983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP3983
Enable
On/Off Control,
Active high
CIN
1.0uF
C1
B2
C3
A1
A3
COUT
1.0uF
Gnd
VOUT
No Connection
VIN
VIN
VOUT
N/C
LP3983
www.ti.com
SNVS213A – MAY 2004 – REVISED MARCH 2013
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
Check for Samples: LP3983
1
FEATURES
DESCRIPTION
The LP3983 is a fixed voltage low current regulator.
2
•
Miniature 5 Pin Package
The LP3983 is ideally suited to standby type
•
Logic Controlled Enable
applications in battery powered equipment, it allows
•
No Noise Bypass Capacitor Required
the lifetime of the battery to be maximized. The
•
Stable with Low ESR Ceramic Capacitors
device can be controlled via an Enable(disable)
•
Fast Turn ON
control and can thus be used by the system to further
extend the battery lifetime by reducing the power
•
Short Circuit Protection
consumption to virtually zero.
APPLICATIONS
Performance is specified for a -40°C to 125°C
temperature range.
•
GSM Portable Phones
For output voltages other than those stated and
•
CDMA Cellular Handsets
alternative package options, please contact your local
•
Bluetooth Devices
NSC sales office.
•
Portable Information Appliances
Package
KEY SPECIFICATIONS
•
5 Bump Thin DSBGA Package
•
Input Voltage Range: 2.5V to 6.0V
•
Output Voltages: 1.6V, 1.8V, and 2.5V
•
Output Current: 5 mA
•
Output Capacitors: 1µF Low ESR
•
Virtually Zero IQ (Disabled): 1.0 µA
•
Low IQ (Enabled): 14 µA
•
PSRR: 10 dB
•
Fast Start Up: 170 µs
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3983-AB6F POWER-LP3983-AB6F Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
Ultra-Low-Noise for RF Application
logo
Texas Instruments
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
More results

Similar Description - LP3983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
logo
Texas Instruments
LP3987ITL-2.6 TI-LP3987ITL-2.6 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
LP3983 TI-LP3983_15 Datasheet
820Kb / 15P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
LP3984 TI-LP3984_15 Datasheet
1Mb / 19P
LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O DSBGA Package
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP3987 TI-LP3987_15 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator With Sleep MODE
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com