Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3983 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3983
Description  LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3983 Datasheet(HTML) 5 Page - Texas Instruments

  LP3983 Datasheet HTML 1Page - Texas Instruments LP3983 Datasheet HTML 2Page - Texas Instruments LP3983 Datasheet HTML 3Page - Texas Instruments LP3983 Datasheet HTML 4Page - Texas Instruments LP3983 Datasheet HTML 5Page - Texas Instruments LP3983 Datasheet HTML 6Page - Texas Instruments LP3983 Datasheet HTML 7Page - Texas Instruments LP3983 Datasheet HTML 8Page - Texas Instruments LP3983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LP3983
www.ti.com
SNVS213A – MAY 2004 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, CIN = COUT = 1 µF Ceramic, VIN = VOUT(nom) + 1.0V, TA = 25°C, Enable pin is tied to VIN.
Ground Current
vs
Ground Current @ TA = 25°C
VIN. IOUT = 7mA
Figure 4.
Figure 5.
Ripple Rejection (CIN = COUT = 1µF, IL = 100µA)
Start Up Time. VOUT = 1.8V
Figure 6.
Figure 7.
Turn-Off Time. VOUT = 1.8V
Load Transient Response. VOUt = 1.8V
Figure 8.
Figure 9.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com