Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3983 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3983
Description  LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3983 Datasheet(HTML) 2 Page - Texas Instruments

  LP3983 Datasheet HTML 1Page - Texas Instruments LP3983 Datasheet HTML 2Page - Texas Instruments LP3983 Datasheet HTML 3Page - Texas Instruments LP3983 Datasheet HTML 4Page - Texas Instruments LP3983 Datasheet HTML 5Page - Texas Instruments LP3983 Datasheet HTML 6Page - Texas Instruments LP3983 Datasheet HTML 7Page - Texas Instruments LP3983 Datasheet HTML 8Page - Texas Instruments LP3983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
A3
C3
A1
B2
C1
N/C
VIN
VEN
GND
VOUT
A3
C3
A1
B2
C1
N/C
VIN
VEN
GND
VOUT
R1
R2
VIN
VEN
VOUT
Control
VREF
Gnd
LP3983
SNVS213A – MAY 2004 – REVISED MARCH 2013
www.ti.com
Block Diagram
Figure 1. LP3983
Connection Diagrams
Figure 2. 5 Pin DSBGA Package Top View
Figure 3. 5 Pin DSBGA Package Bottom View
See Package Number YZR0005ADA
See Package Number YZR0005ADA
PIN DESCRIPTIONS
Name
Pin No.
Name and Function
VEN
A1
Enable Input Logic,
Enables regulator when
≥ 1.2V. Disables regulator when ≤ 0.5V
GND
B2
Common Ground
VOUT
C1
Voltage Output. Connect this Output to the Load Circuit.
VIN
C3
Unregulated supply Input.
N/C
A3
No Connection. There should be no electrical connection made to this pin.
ORDERING INFORMATION(1)(2)
OUTPUT
MINIMUM
OUTPUT
ORDERABLE
GRADE
VOLTAGE (V)
QUANTITY
MEDIA
NUMBER
250
Mini-Reel
LP3983ITL-1.6
1.6
3000
Tape and Reel
LP3983ITLX-1.6
250
Mini-Reel
LP3983ITL-1.8
1.8
STD
3000
Tape and Reel
LP3983ITLX-1.8
250
Mini-Reel
LP3983ITL-2.5
2.5
3000
Tape and Reel
LP3983ITLX-2.5
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com