Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3983 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3983
Description  LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3983 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3983 Datasheet HTML 4Page - Texas Instruments LP3983 Datasheet HTML 5Page - Texas Instruments LP3983 Datasheet HTML 6Page - Texas Instruments LP3983 Datasheet HTML 7Page - Texas Instruments LP3983 Datasheet HTML 8Page - Texas Instruments LP3983 Datasheet HTML 9Page - Texas Instruments LP3983 Datasheet HTML 10Page - Texas Instruments LP3983 Datasheet HTML 11Page - Texas Instruments LP3983 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LP3983
SNVS213A – MAY 2004 – REVISED MARCH 2013
www.ti.com
CAPACITOR CHARACTERISTICS
The LP3983 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the range of 1µF to 4.7µF range, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values (which makes them best for eliminating high frequency noise). The
ESR of a typical 1µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR
requirement for stability by the LP3983.
The temperature performance of ceramic capacitors varies by type. Larger value ceramic capacitors may be
manufactured with Z5U or Y5V temperature characteristics, which results in the capacitance dropping by more
than 50% as the temperature goes from 25°C to 85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R, which holds the capacitance within
±15% over the temperature range. Tantalum capacitors are less desirable than ceramic for use as output
capacitors because they are more expensive when comparing equivalent capacitance and voltage ratings in the
1µF to 4.7µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
ENABLE OPERATION
The LP3983 may be switched ON or OFF by a logic input at the ENABLE pin, VEN. A high voltage at this pin will
turn the device on. When the enable pin is low, the regulator output is off and the device typically consumes <
1µA. If the application does not require the shutdown feature, the VEN pin should be tied to VIN to keep the
regulator output permanently on. To ensure proper operation, the signal source used to drive the VEN input must
be able to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under VIL and VIH.
DSBGA MOUNTING
The DSBGA package requires specific mounting techniques which are detailed in Application Note AN-1112,
(SNVA009).
Referring to the section PCB Layout, it should be noted that the pad style which must be used with the 5 pin
package is NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
DSBGA LIGHT SENSITIVITY
Exposing the DSBGA device to direct sunlight may cause mis-operation of the device. Light sources such as
Halogen lamps can effect electrical performance if brought near to the device.
Light with wavelengths in the red and infra-red part of the spectrum have the most detrimental effect thus the
fluorescent lighting used inside most buildings has very little effect on the output voltage of the device. Tests
carried out on a DSBGA test board showed a negligible effect on the regulated output voltage when brought
within 1cm of a fluorescent lamp. A deviation of less than 0.1% from nominal output voltage was observed.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com