Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3983 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3983
Description  LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3983 Datasheet(HTML) 4 Page - Texas Instruments

  LP3983 Datasheet HTML 1Page - Texas Instruments LP3983 Datasheet HTML 2Page - Texas Instruments LP3983 Datasheet HTML 3Page - Texas Instruments LP3983 Datasheet HTML 4Page - Texas Instruments LP3983 Datasheet HTML 5Page - Texas Instruments LP3983 Datasheet HTML 6Page - Texas Instruments LP3983 Datasheet HTML 7Page - Texas Instruments LP3983 Datasheet HTML 8Page - Texas Instruments LP3983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LP3983
SNVS213A – MAY 2004 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Unless otherwise specified: VEN = 1.8V,VIN = VOUT(nom) + 1.0V, CIN = 1.0 µF, IOUT = 1.0mA, COUT = 1.0 µF.
Typical values and limits appearing in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Output Voltage
IOUT = 0mA to 5mA
-55
+55
mV from
Tolerance
VOUT(nom)
-96
+96
ΔVOUT
% of
− 6
+6
VOUT(nom)
PSRR
Power Supply Rejection Ratio
VIN = VOUT(nom) + 1V,
10
dB
f
≤10 kHz, IOUT = 1mA
IQ
Quiescent Current
IOUT = 50µA, VIN = 4.2V
14
21
µA
VEN = 0.4V, VIN = 4.2V
1
3
ISC
Short Circuit Current Limit (3)
Output Grounded
28
35
mA
IOUT
Maximum Output Current
(4)
5
mA
Logic Control Characteristics
IEN
Maximum Input Current at VEN VEN = 0.4 and VIN= 6.0V
0.02
µA
input
VIL
Logic Low Input Threshold
VIN = VIN(MIN) to 6.0V
0.5
V
VIH
Logic High Input Threshold
VIN = VIN(MIN) to 6.0V
1.2
V
Timing Characteristics
TON
Turn on Time(3)
(5)
170
250
µs
(1)
All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C or
correlated using Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the
electrical characteristics to process and temperature variations and applying statistical process control.
(2)
The target output voltage which is labelled VOUT(NOM) is the desired voltage option.
(3)
This electrical specification is guaranteed by design.
(4)
The device maintains the regulated output voltage without load.
(5)
Time from VEN = 1.2V to VOUT = 95% of VOUT(NOM)
Electrical Characteristics Output Capacitor, Recommended Specifications
Limit
Symbol
Parameter
Conditions
Value
Units
Min
Max
Co
Output Capacitor
Capacitance(1)
1.0
0.75
µF
ESR
5
500
m
Ω
(1)
The capacitor tolerance should be ±25% or better over the temperature range. Capacitor types recommended are X7R, Y5V, and Z5U.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com