Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet (PDF) - Texas Instruments

LP8727 Datasheet PDF - Texas Instruments
Part # LP8727
Download  LP8727 Download
File Size   758.49 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micro/Mini USB Interface with Integrated 28V Charger

LP8727 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8727 Datasheet PDF - Texas Instruments

Part # LP8727
Download  LP8727 Click to download

File Size   758.49 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micro/Mini USB Interface with Integrated 28V Charger

LP8727 Datasheet (HTML) - Texas Instruments


LP8727 Product details

1FEATURES
2• USB Multiplexing Switches
– High-Speed USB on USB and UART Inputs
– Negative Voltage Rail on Audio Inputs
– Internal LDO for ID Detection and MIC Bias
– Compatible with USB Charging
Specification Rev. 1.1
– DSS Input for Default Switch Connection
– Low-Power MIC Standby Mode single•
Linear Charge with Single Input
– 28 OVP on VBUS Input
– High-Current Mode for Production Test
– Thermal Regulation
• Over-Voltage Protected LDO for USB
Transceivers and PMU Wakeup
• UVLO (Undervoltage Lock Out)
• Interrupt Request to Reduce SW Polling
– USB / ID Detection
– SEND / END Button Detection
– Mic Removal
– OVLO / UVLO on VBUS
– Charger Status
• Thermal Shutdown Protection
• I2C-compatible Serial Interface
• 25-Bump 0.4 mm Pitch Thin DSBGA Package

APPLICATIONS
• GSM, GPRS, EDGE, CDMA & WCDMA
handsets
• Portable Media Players / MP3 Players

DESCRIPTION
The LP8727 is designed to provide automatic multiplexing switches between Micro/Mini USB
connector and USB, UART and Audio paths in
cellular phone applications. It also contains a single•
input Li-Ion battery charger and an overvoltageprotected
LDO. Programming is handled via an I2C-
compatible Serial Interface allowing control of
charger, multiplexing switches, and reading status
information of the device.
The multiplexing switches on USB and UART support
high-speed USB, and Audio inputs can be driven to
negative voltage rail. The LP8727 is compatible with
USB charging specifications rev 1.1 from USB IF.
The Li-Ion charger requires few external components
and integrates the power FET. Charging is thermally
regulated to obtain the most efficient charging rate for
a given ambient temperature. It has Overvoltage
Protection (OVP) circuit at the charger input protects
the PMU from input voltages up to +28V, eliminating
the need for any external protection circuitry.
An overvoltage-protected LDO which can supply up
to 50 mA is designed for powering up a low-voltage
USB transceiver or waking up a PMU (Power
Management Unit) when an external power source
(either USB VBUS or wall adapter) is connected to
the USB connector.
The LP8727 PMU is available in 25-bump 0.4 mm
pitch thin DSBGA package (2.015 mm x 2.015 mm).




Similar Part No. - LP8727

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
LP8727TME-B/NOPB TI1-LP8727TME-B/NOPB Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
LP8727TME/NOPB TI1-LP8727TME/NOPB Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
LP8727TMX-B/NOPB TI1-LP8727TMX-B/NOPB Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
LP8727TMX/NOPB TI1-LP8727TMX/NOPB Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
More results


Similar Description - LP8727

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
Integrated DTMFTransceiver with Intel Micro Interface
MT8889C MITEL-MT8889C Datasheet
356Kb / 18P
Integrated DTMFTransceiver with Adaptive Micro Interface
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
MC13883 FREESCALE-MC13883_10 Datasheet
997Kb / 64P
Integrated Charger USB Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
USB charger detection interface
18-Nov-2008
logo
Maxim Integrated Produc...
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com