Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8727 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 4Page - Texas Instruments LP8727 Datasheet HTML 5Page - Texas Instruments LP8727 Datasheet HTML 6Page - Texas Instruments LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments LP8727 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
Charger Electrical Characteristics
Typical values and limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the entire junction
temperature range (
−40°C to +125°C).
(1) (2) (3)
Symbol
Parameter
Conditions
Typ
Min
Max
Units
Over Voltage Protection
Charger input is turned off if voltage is
VOV
6.9
6.7
7.2
V
Threshold
above this threshold
Over Voltage Protection
VOV_HYS
170
120
220
mV
Threshold Hysteresis
VVBUS
VBUS Operating Range
4.45
6
V
VVBUS - VVBAT (Rising)
250
VOK_CHG
VBUS OK Trip Point
mV
VVBUS - VVBAT (Falling)
40
VTERM = 4.2V, ICHG = 50 mA
−0.35
+0.35
VTERM
Termination Voltage
VTERM is measured at 10% of the
%
−1
+1
programmed ICHG current
Charger pass transistor ON
RDSON_CHG
ICHG = 400 mA
250
400
m
Ω
resistance
4.45V
≤ VVBUS ≤ 6V
VBUS Programmable Full-
VVBAT < VVBUS - VOK_VBUS
90
1100
mA
Rate Charging Current
VFULL_RATE < VVBAT < VTERM
(4)
ICHG
Full-rate charging current
ICHG = 400 mA
−5
+5
%
tolerance
2.2V < VVBAT < VFULL_RATE
IPRECHG
Pre-charge current
80
60
100
mA
80 mA option selected
IVBUS(MAX)
Maximum Input Current
VVBUS - VVBAT ≤ 0.8V
2.3
A
Full-rate Qualification
VVBAT Rising, Transition from Pre-
VFULL_RATE
2.6
2.5
2.7
V
Threshold
charge to Full-rate Charging
End-of-charge Current, %
IEOC
0.1C option selected
10
%
of Full-rate Current
Regulated Junction
TREG
115°C option selected(5)
115
°C
Temperature
DETECTION AND TIMING(5)
VVBUSDET
VBUS Detection Threshold
3.5
3
4
V
TPOK
Power OK Debounce Time
VVBUS > VVBAT + VOK_CHG
30
Debounce Time from Pre-
ms
Pre-charge to full-rate charging
TPRE_FULL
Charge to Full-rate
55
transition
Transition
Debounce Time from CV to
TEOC
400
ms
End-of-Charge Transition
TCHG
Charge Safety Timer
Pre-charge Mode
45
minutes
(1)
Junction-to-ambient thermal resistance is highly application and board layout dependent. In applications where high power dissipation
exists, special care must be given to thermal dissipation issues in board design.
(2)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
(3)
The parameters in the electrical characteristic table are tested under open loop conditions at Vbat = 3.7 unless otherwise specified. For
performance over the input voltage range and closed loop condition, refer to the datasheet curves.
(4)
The minimum input voltage equals VOUT (nom) + 0.5V or 2.5V, which ever is greater.
(5)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com