Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8727 Datasheet(HTML) 4 Page - Texas Instruments

  LP8727 Datasheet HTML 1Page - Texas Instruments LP8727 Datasheet HTML 2Page - Texas Instruments LP8727 Datasheet HTML 3Page - Texas Instruments LP8727 Datasheet HTML 4Page - Texas Instruments LP8727 Datasheet HTML 5Page - Texas Instruments LP8727 Datasheet HTML 6Page - Texas Instruments LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3) (4)
INPUT VOLTAGE
VBUS to GND
−0.3V to +28V
VBAT, EXPDET, CAP [wrt. GND]
−0.3V to +6.0V
SCL, SDA, INT\, DSS [wrt. GND]
−0.3V to (VVBAT+0.3V)
CP_EN = 1
D+, D
−, AUD1, AUD2
−2.1V to (VSWPOS) + 0.3V)
DP, DN, U1, U2, ID, MIC, RES
−0.3V to (VSWPOS) + 0.3V)
CP_EN = 0
D+, D
−, DP, DN, AUD1, RES
−0.3V to (VCC + 0.3V)
AUD2, U1, U2, ID, MIC
TEMPERATURE
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
−65 to 150°C
Maximum Lead
260°C
Temperature(Soldering, 10 sec.)
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Internal thermal shutdown circuitry protects the device fro permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C. Also engages at 160°C and disengages 115°C.
Operating Ratings
(1) (2)
INPUT VOLTAGE
VBAT
2.5V to 5.5V
VBUS
3.5V to 7V
TEMPERATURE
Junction Temperature (TJ) Range
−40°C to 125°C
Ambient Temperature (TA) Range
(3)
−40°C to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have to
be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX), The
maximum power dissipation of the device in the application (PD-MAX) and the junction to ambient thermal resistance of the package
(
θJA) in the application, as given by the following equation: TA-MAX = TJ-MAX (θJA x PD-MAX). Due to the pulsed nature of testing the
part, the temp in the Electrical Characteristic table is specified as TA = TJ.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com