Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8727 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 6Page - Texas Instruments LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments LP8727 Datasheet HTML 12Page - Texas Instruments LP8727 Datasheet HTML 13Page - Texas Instruments LP8727 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
DETAILED REGISTER DESCRIPTIONS
(1)
REGISTER
ADDR
BIT NAME
BIT
POR DEFAULT
DESCRIPTION
NAME
CHIP_REV
[3:0]
xxxx
Chip revision.
0x00
DEVICE ID
VENDOR ID
[7:4]
0011
Texas Instruments vendor ID.
Enable charge pump for analog switch operation.
When CP_EN = 0, input signals to the analog switches
should not go below GND.
CP_EN
0
1
0: Disable
1: Enable
Enable ID detection LDO and internal ADC.
ADC_EN
1
0
0: Disable
1: Enable
Enable ID detection LDO and SEND/END & MR
comparators.
SEMREN
2
0
0: Disable
1: Enable
ID detection LDO voltage setting.
VLDO
3
0
0: 2.3V
0x01
CONTROL1
1: 2.6V
Connect ID detection LDO to ID pin through an internal
200 k
Ω resistor.
ID_200
4
0
0: Disable
1: Enable
Connect ID detection LDO to ID pin through an internal
620
Ω resistor.
ID_620
5
0
0: Disable
1: Enable
Connect ID detection LDO to RES output for
microphone biasing. A 2.2 k
Ω external resistor is
required between RES and ID pins.
ID_2P2
6
0
0: Disable
1: Enable
RESERVED
7
x
Not used.
(1)
Bolded entries are read-only.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com