Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8727 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments LP8727 Datasheet HTML 12Page - Texas Instruments LP8727 Datasheet HTML 13Page - Texas Instruments LP8727 Datasheet HTML 14Page - Texas Instruments LP8727 Datasheet HTML 15Page - Texas Instruments LP8727 Datasheet HTML 16Page - Texas Instruments LP8727 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
REGISTER
ADDR
BIT NAME
BIT
POR DEFAULT
DESCRIPTION
NAME
RESERVED
[4:0]
00000
Not used.
Die temperature.
000: 75°C
001: 95°C
010: 115°C
0x07
STATUS2
TMP_STAT
[7:5]
000
011: 135°C
100: Reserved
101: Reserved
110: Reserved
111: Reserved
RESERVED
[1:0]
xx
Not used.
Pre-charge current setting.
00: 40 mA
IPRECHG
[3:2]
10
01: 60 mA
10: 80 mA
11: 100 mA
Charger block disable.
CHG_OFF
4
0
0: Enable
1: Disable
CHARGER
0x08
CONTROL1
Enable PTM (Production Test Mode).
PTM
5
0
0: Disable
1: Enable
Enable EXPDET LDO.
EXPDET_EN
6
1
0: Disable
1: Enable
Charger stop / start control.
CHG_EN
7
0
0: Stop charging (Force EOC).
1: Start charging (Restart).
EOC level setting.
000: 5%
001: 10%
010: 16%
IMIN_SET
[2:0]
001
011: 20%
100: 25%
101: 33%
110: 50%
RESERVED
3
x
Not used.
Charging current setting.
CHARGER
0x09
CONTROL2
0000: 90 mA
0001: 100 mA
0010: 400 mA
0011: 450 mA
CHG_SET
[7:4]
0010
0100: 500 mA
0101: 600 mA
0110: 700 mA
0111: 800 mA
1000: 900 mA
1001: 1000 mA
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com