Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8727 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 3Page - Texas Instruments LP8727 Datasheet HTML 4Page - Texas Instruments LP8727 Datasheet HTML 5Page - Texas Instruments LP8727 Datasheet HTML 6Page - Texas Instruments LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
Multiplexer Switches Electrical Characteristics (continued)
Typical values and limits appearing in normal type apply for TJ=25°C. Unless otherwise noted, VVBAT = 3.7V, VBUS is
disconnected. Limits appearing in boldface type apply over the entire junction temperature range for operation, TJ = −40°C to
+125°C.
(1)
Symbol
Parameter
Conditions
Typ
Min
Max
Units
ILEAKUART(OFF)
Off Leakage Current(2)
−360
360
0V < VD+ or VD-< 3.3V, CP_EN = 1
nA
ILEAKUART(ON)
On Leakage Current(2)
−360
360
AUDIO ANALOG SWITCHES (AUD1, AUD2)
CP_EN = 0
0
VCC
VAUD1, AUD2
Analog Signal Range
V
CP_EN = 1
VSWNEG
VSWPOS
RSWONAUD
On Resistance
1.6
3.6
On Resistance Match
ΔRSWONAUD
−1.8V < VD+ or VD-< 1.8V
0.2
Ω
Between Channels
RFLATAUD
On Resistance Flatness
0.5
ILEAKUAUD(OFF)
Off Leakage Current(2)
−360
360
−1.8V < VD+ or VD-< 1.8V,
nA
CP_EN = 1
ILEAKUAUD(ON)
On Leakage Current(2)
−360
360
RSHUNT
Shunt Resistor
ISHUNT = 10 mA
100
30
180
Ω
MIC ANALOG SWITCHES (MIC)
CP_EN = 0
0
VCC
VMIC
Analog Signal Range
V
CP_EN = 1
VSWNEG
VSWPOS
RSWONMIC
On Resistance
3
10
Ω
RFLATMIC
On Resistance Flatness
0.8
0V < VID< 1.6V
ILEAKMIC(OFF)
Off Leakage Current(2)
−360
360
nA
ILEAKMIC(ON)
On Leakage Current(2)
−360
360
DYNAMIC
TCP_EN
Charge Pump Startup Time
1
ms
MIC Low-Power Detection
TMICLPDP
117
50
175
µs
Pulse Time
MIC_LP = 1, SEMREM = 1
MIC Low-Power Detection
TMICLPD
100
45
155
Period
ms
TDEB
Comparator Debounce Time
60
30
100
TONSW
Analog Switch Turn-on Time
1
TOFFSW
Analog Switch Turn-off Time
RL = 50
Ω (3)(4)
10
µs
TBBM
Break-Before-Make
0
VISO
Off-Isolation(5)
−108
RL = 50Ω, CL = 5pF, f= 20 kHz
dB
VD+ or VD-= 1VRMS
(6) (4)
VCT
Crosstalk
−107
f = 20 Hz to 20 kHz, V VD+ or VD-=
Total Harmonic Distortion
0.25VRMS, RL = 30Ω, DC Bias = 0V,
0.05
Plus Noise AUD1, AUD2
T = 25°C
THD+NAUD
%
f = 20 Hz to 20 kHz, V VD+ or VD-=
Total Harmonic Distortion
0.4VRMS, RL = 1kΩ, DC Bias = 0.8V,
0.05
Plus Noise MIC
T = 25°C
(3)
All timing is measured using 10% and 90% levels.
(4)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(5)
Off-isolation = 20log [VD+/D− / (VNO1/2or VNC1/2), VD+/D− = output, VNO1/2 or VNC1/2 = input to off switch.
(6)
Crosstalk is measured between any two switches.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com