Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet (PDF) - Texas Instruments

LMP7731MA/NOPB Datasheet PDF - Texas Instruments
Part # LMP7731MA/NOPB
Download  LMP7731MA/NOPB Download
File Size   886.08 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier

LMP7731MA/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP7731MA/NOPB Datasheet PDF - Texas Instruments

Part # LMP7731MA/NOPB
Download  LMP7731MA/NOPB Click to download

File Size   886.08 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier

LMP7731MA/NOPB Datasheet (HTML) - Texas Instruments


LMP7731MA/NOPB Product details

1FEATURES
23(Typical Values, TA = 25°C, VS = 5V)
• Input Voltage Noise
– f = 3 Hz 3.3 nV/√Hz
– f = 1 kHz 2.9 nV/√Hz
• CMRR 130 dB
• Open Loop Gain 130 dB
• GBW 22 MHz
• Slew Rate 2.4 V/μs
• THD @ f = 10 kHz, AV = +1, RL = 2 kΩ 0.001%
• Supply Current per Channel 2.2 mA
• Supply Voltage Range 1.8V to 5.5V
• Operating Temperature Range −40°C to 125°C
• Input Bias Current ±1.5 nA
• RRIO

APPLICATIONS
• Gas Analysis Instruments
• Photometric Instrumentation
• Medical Instrumentation

DESCRIPTION
The LMP7731 is a single, low noise, rail-to-rail input
and output, low voltage amplifier. The LMP7731 is
part of the LMP™ precision amplifier family and is
ideal for precision and low noise applications with low
voltage requirements.
This operational amplifier offers low voltage noise of
2.9 nV/√Hz with a 1/f corner of only 3 Hz. The
LMP7731 has bipolar input stages with a bias current
of only 1.5 nA. This low input bias current,
complemented by the very low level of voltage noise,
makes the LMP7731 an excellent choice for
photometry applications.
The LMP7731 provides a wide GBW of 22 MHz while
consuming only 2 mA of current. This high gain
bandwidth along with the high open loop gain of 130
dB enables accurate signal conditioning in
applications with high closed loop gain requirements.
The LMP7731 has a supply voltage range of 1.8V to
5.5V, making it an ideal choice for battery operated
portable applications.
The LMP7731 is offered in the space saving 5-Pin
SOT-23 and 8-Pin SOIC packages.




Similar Part No. - LMP7731MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7731MA/NOPB TI-LMP7731MA/NOPB Datasheet
1Mb / 26P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
More results


Similar Description - LMP7731MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
LMP7731 NSC-LMP7731_08 Datasheet
724Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 NSC-LMP7732 Datasheet
753Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7731 NSC-LMP7731_09 Datasheet
739Kb / 18P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
Texas Instruments
LMP7732 TI1-LMP7732 Datasheet
680Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
926Kb / 24P
1 nV/Hz Low Noise 210C Instrumentation Amplifier
REV. B
logo
Texas Instruments
LMP7731 TI-LMP7731_15 Datasheet
1Mb / 26P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 TI-LMP7732_15 Datasheet
1,002Kb / 26P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com