Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP7731MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
-50 -40 -30 -20 -10
0
10 20 30 40 50
0
2
4
6
8
10
VOS (PV)
VS = 2.5V, 3.3V
VCM = 0.5V
TCVOS (PV/°C)
-1.5
-1
-0.5
0
0.5
0
5
10
15
20
25
VS = 2.5V
VCM = 0.5V
-40°C d TA d 25°C
-50 -40 -30 -20 -10
0
10 20 30 40 50
0
2
4
6
8
10
VOS (PV)
VS = 3.3V, 5V
VCM = VS -0.5V
-0.5
0
0.5
1
1.5
0
2
4
6
8
10
12
14
16
TCVOS (PV/°C)
VS = 3.3V, 5V
VCM = VS -0.5V
-40°C d TA d 25°C
-50 -40 -30 -20 -10
0
10 20 30 40 50
0
2
4
6
8
10
VOS (PV)
VS = 2.5V
VCM = 2V
-0.5
0
0.5
1
1.5
0
2
4
6
8
10
12
14
16
TCVOS (PV/°C)
VS = 2.5V
VCM = 2V
-40°C d TA d 25°C
LMP7731
www.ti.com
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Offset Voltage Distribution
TCVOS Distribution
Figure 5.
Figure 6.
Offset Voltage Distribution
TCVOS Distribution
Figure 7.
Figure 8.
Offset Voltage Distribution
TCVOS Distribution
Figure 9.
Figure 10.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com