Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7731MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VOUT (VPP)
0.1
1
10
0.0001
0.001
0.01
0.1
1
VS = 2.5V
VS = 3.3V
VS = 5V
RL = 100 k:
CL = 10 pF
f = 1 kHz
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0001
0.001
0.01
0.1
1
VS = 5V
VS = 3.3V
VS = 2.5V
RL = 100 k:
CL = 10 pF
VO = VS -1V
1k
100k
100M
FREQUENCY (Hz)
-40
0
40
100
10M
1M
10k
80
20
-20
60
-90
0
90
225
180
45
-45
135
GAIN
PHASE
VS = 2.5V, CL = 100 pF,
RL = 10 k:
VS = 5V, CL = 20 pF,
RL = 2 k:
VS = 2.5V, 3.3V, 5V
CL = 20 pF, 50 pF, 100 pF
RL = 2 k:, 10 k:
1k
100k
100M
-40
0
40
100
10M
1M
10k
80
20
-20
60
FREQUENCY (Hz)
VS = 5V
RL = 10 k:
CL = 20 pF
GAIN
PHASE
-90
0
90
225
180
45
-45
135
-40°C
25°C
85°C
125°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
-80
-60
-40
-20
0
20
40
60
80
100
VCM (V)
VS = 5V
25°C
85°C
125°C
-40°C
1k
100k
100M
FREQUENCY (Hz)
-40
0
40
100
10M
1M
10k
80
20
-20
60
-90
0
90
225
180
45
-45
135
GAIN
PHASE
VS = 2.5V, TA = 25°C
VS = 5V, TA = -40°C
VS = 2.5V, 3.3V, 5V
RL = 10 k:
TA = -40°C, 25°C, 85°C, 125°C
LMP7731
www.ti.com
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Input Bias Current
vs.
VCM
Open Loop Frequency Response Over Temperature
Figure 29.
Figure 30.
Open Loop Frequency Response
Open Loop Frequency Response
Figure 31.
Figure 32.
THD+N
THD+N
vs.
vs.
Frequency
Output Voltage
Figure 33.
Figure 34.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com