Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP7731MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
0.1
1
10
1k
10k
FREQUENCY (Hz)
1
10
100
100
VS = 2.5V, 3.3V, 5V
VCM = 0.5V
VCM = 2.5V
0.1
1
10
1k
10k
FREQUENCY (Hz)
1
10
100
100
VS = 2.5V, 3.3V, 5V
VCM = 0.5V
VCM = 2.5V
LMP7731
www.ti.com
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
Check for Samples: LMP7731
1
FEATURES
DESCRIPTION
The LMP7731 is a single, low noise, rail-to-rail input
23
(Typical Values, TA = 25°C, VS = 5V)
and output, low voltage amplifier. The LMP7731 is
•
Input Voltage Noise
part of the LMP™ precision amplifier family and is
–
f = 3 Hz 3.3 nV/
√Hz
ideal for precision and low noise applications with low
voltage requirements.
–
f = 1 kHz 2.9 nV/
√Hz
•
CMRR 130 dB
This operational amplifier offers low voltage noise of
2.9 nV/
√Hz with a 1/f corner of only 3 Hz. The
•
Open Loop Gain 130 dB
LMP7731 has bipolar input stages with a bias current
•
GBW 22 MHz
of
only
1.5
nA.
This
low
input
bias
current,
•
Slew Rate 2.4 V/µs
complemented by the very low level of voltage noise,
makes
the
LMP7731
an
excellent
choice
for
•
THD @ f = 10 kHz, AV = +1, RL = 2 kΩ 0.001%
photometry applications.
•
Supply Current per Channel 2.2 mA
The LMP7731 provides a wide GBW of 22 MHz while
•
Supply Voltage Range 1.8V to 5.5V
consuming only 2 mA of current. This high gain
•
Operating Temperature Range
−40°C to 125°C
bandwidth along with the high open loop gain of 130
•
Input Bias Current ±1.5 nA
dB
enables
accurate
signal
conditioning
in
applications with high closed loop gain requirements.
•
RRIO
The LMP7731 has a supply voltage range of 1.8V to
APPLICATIONS
5.5V, making it an ideal choice for battery operated
portable applications.
•
Gas Analysis Instruments
The LMP7731 is offered in the space saving 5-Pin
•
Photometric Instrumentation
SOT-23 and 8-Pin SOIC packages.
•
Medical Instrumentation
Typical Performance Characteristics
Input Voltage Noise
Input Current Noise
vs.
vs.
Frequency
Frequency
Figure 1.
Figure 2.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP7731MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7731MA/NOPB TI-LMP7731MA/NOPB Datasheet
1Mb / 26P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
More results

Similar Description - LMP7731MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
LMP7731 NSC-LMP7731_08 Datasheet
724Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 NSC-LMP7732 Datasheet
753Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7731 NSC-LMP7731_09 Datasheet
739Kb / 18P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
Texas Instruments
LMP7732 TI1-LMP7732 Datasheet
680Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
926Kb / 24P
1 nV/Hz Low Noise 210C Instrumentation Amplifier
REV. B
logo
Texas Instruments
LMP7731 TI-LMP7731_15 Datasheet
1Mb / 26P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 TI-LMP7732_15 Datasheet
1,002Kb / 26P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com