Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7731MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
0
0.5
1
1.5
2
2.5
-100
-80
-60
-40
-20
0
20
40
60
80
100
VCM (V)
VS = 2.5V
85°C
125°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
3
3.5
-100
-80
-60
-40
-20
0
20
40
60
80
100
VCM (V)
125°C
85°C
25°C
VS = 3.3V
-40°C
0
5
10
15
20
25
30
-800
-600
-400
-200
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
SOURCE
SINK
VS = 2.5V
VS = 2.5V, 3.3V, 5V
LMP7731
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Time Domain Voltage Noise
Time Domain Voltage Noise
Figure 23.
Figure 24.
Output Voltage
vs.
Time Domain Voltage Noise
Output Current
Figure 25.
Figure 26.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 27.
Figure 28.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com