Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP7731MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMP7731
www.ti.com
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5V, V− = 0V, V
CM = V
+/2, R
L >10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
±50
VCM = 2.0V
±1
±75
IOS
Input Offset Current
nA
±60
VCM = 0.5V
±11
±80
TCIOS
Input Offset Current Drift
VCM = 0.5V and VCM = 2.0V
0.0474
nA/°C
0.15V
≤ VCM ≤ 0.7V
101
120
0.23V
≤ VCM ≤ 0.7V
89
CMRR
Common Mode Rejection Ratio
dB
1.5V
≤ VCM ≤ 2.35V
105
129
1.5V
≤ VCM ≤ 2.27V
99
111
2.5V
≤ V+ ≤ 5V
129
105
PSRR
Power Supply Rejection Ratio
dB
1.8V
≤ V+ ≤ 5.5V
117
CMVR
Common Mode Voltage Range
Large Signal CMRR
≥ 80 dB
0
2.5
V
RL = 10 kΩ to V
+/2
112
130
VOUT = 0.5V to 2.0V
104
AVOL
Open Loop Voltage Gain
dB
RL = 2 kΩ to V
+/2
109
119
VOUT = 0.5V to 2.0V
90
50
RL = 10 kΩ to V
+/2
4
75
Output Voltage Swing High
50
RL = 2 kΩ to V
+/2
13
75
mV from
VOUT
either rail
50
RL = 10 kΩ to V
+/2
6
75
Output Voltage Swing Low
50
RL = 2 kΩ to V
+/2
9
75
Sourcing, VOUT = V
+/2
22
31
VIN (diff) = 100 mV
12
IOUT
Output Current
mA
Sinking, VOUT = V
+/2
15
44
VIN (diff) = −100 mV
10
2.7
VCM = 2.0V
2.0
3.4
Supply Current
IS
mA
(Per Channel)
3.1
VCM = 0.5V
2.3
3.9
AV = +1, CL = 10 pF, RL = 10 kΩ to
SR
Slew Rate
V+/2,
2.4
V/
μs
VO = 2 VPP
GBW
Gain Bandwidth
CL = 20 pF, RL = 10 kΩ to V
+/2
21
MHz
GM
Gain Margin
CL = 20 pF, RL = 10 kΩ to V
+/2
14
dB
ΦM
Phase Margin
CL = 20 pF, RL = 10 kΩ to V
+/2
60
deg
Differential Mode
38
k
Ω
RIN
Input Resistance
Common Mode
151
M
Ω
THD+N
Total Harmonic Distortion + Noise
AV = 1, f = 1 kHz, Amplitude = 1V
0.002
%
f = 1 kHz, VCM = 2.0V
3
Input Referred Voltage Noise
nV/
√Hz
Density
en
f = 1 kHz, VCM = 0.5V
3
Input Voltage Noise
0.1 Hz to 10 Hz
75
nVPP
f = 1 kHz, VCM = 2.0V
1.1
Input Referred Current Noise
in
pA/
√Hz
Density
f = 1 kHz, VCM = 0.5V
2.3
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com