Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7731MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
125°C
85°C
25°C
-40°C
RL = 2 k:
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
1.5
2
2.5
3
3.5
125°C
85°C
25°C
-40°C
10 Ps/DIV
VS = 5V
VIN = 400 mVPP
f = 10 kHz
AV = +10
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
VIN = 100 mVPP
f = 10 kHz
AV = +10
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
VIN = 100 mVPP
f = 10 kHz
AV = +1
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
VIN = 2 VPP
f = 10 kHz
AV = +1
RL = 10 k:
CL = 10 pF
LMP7731
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Large Signal Step Response
Small Signal Step Response
Figure 35.
Figure 36.
Large Signal Step Response
Small Signal Step Response
Figure 37.
Figure 38.
Supply Current
Output Swing High
vs.
vs.
Supply Voltage
Supply Voltage
Figure 39.
Figure 40.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com