Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP7731MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
0
50
100
150
200
250
300
TIME (s)
0
0.2
0.4
0.6
0.8
1
VS = 5V
RL = 2 k:
1.5
2
2.5
3
3.5
4
4.5
5
5.5
2
3.4
SUPPLY VOLTAGE (V)
2.2
2.4
2.6
2.8
3
3.2
RISING EDGE
FALLING EDGE
AV = +1
VIN = 1 VPP
RL = 10 k:
CL = 10 pF
0
0.5
1
1.5
2
2.5
3 3.3
-75
-50
-25
0
25
50
100
VCM (V)
75
125°C
85°C
25°C
-40°C
VS = 3.3V
0
1
2
3
4
5
-75
-50
-25
0
25
50
75
100
VCM (V)
125°C
85°C
25°C
-40°C
VS = 5V
0
0.5
1
1.5
2
2.5
-75
-50
-25
0
25
50
75
100
VCM (V)
125°C
85°C
25°C
-40°C
VS = 2.5V
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-25
-20
-15
-10
-5
0
5
25°C
-40°C
125°C
85°C
LMP7731
www.ti.com
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Offset Voltage
Offset Voltage
vs.
vs.
Supply Voltage
VCM
Figure 17.
Figure 18.
Offset Voltage
Offset Voltage
vs.
vs.
VCM
VCM
Figure 19.
Figure 20.
Slew Rate
vs.
Input Offset Voltage Time Drift
Supply Voltage
Figure 21.
Figure 22.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com