Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP7731MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP7731MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7731MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ESD
R1
IN
+
ESD
R2
ESD
IN
-
ESD
V
+
V
-
V
-
V
+
0
50
100
150
200
250
300
TIME (s)
0
0.2
0.4
0.6
0.8
1
VS = 5V
RL = 2 k:
LMP7731
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
www.ti.com
Figure 47. Start-Up Input Offset Voltage Drift
During the peak-to-peak noise measurement, the LMP7731 must be shielded. This prevents offset variations due
to airflow. Offset can vary by a few nV due to this airflow and that can invalidate measurements of input voltage
noise with a magnitude which is in the same range. For similar reasons, sudden motions must also be restricted
in the vicinity of the test area. The feed-through which results from this motion could increase the observed noise
value which in turn would invalidate the measurement.
DIODES BETWEEN THE INPUTS
The LMP7731 has a set of anti-parallel diodes between the input pins as shown in Figure 48. These diodes are
present to protect the input stage of the amplifier. At the same time, they limit the amount of differential input
voltage that is allowed on the input pins. A differential signal larger than the voltage needed to turn on the diodes
might cause damage to the diodes. The differential voltage between the input pins should be limited to ±3 diode
drops or the input current needs to be limited to ±20 mA.
Figure 48. Anti-Parallel Diodes between Inputs
DRIVING AN ADC
Analog to Digital Converters, ADCs, usually have a sampling capacitor on their input. When the ADC's input is
directly connected to the output of the amplifier a charging current flows from the amplifier to the ADC. This
charging current causes a momentary glitch that can take some time to settle. There are different ways to
minimize this effect. One way is to slow down the sampling rate. This method gives the amplifier sufficient time to
stabilize its output. Another way to minimize the glitch caused by the switch capacitor is to have an external
capacitor connected to the input of the ADC. This capacitor is chosen so that its value is much larger than the
internal switching capacitor and it will hence provide the voltage needed to quickly and smoothly charge the
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com