Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBQ10A05L04-R0.4 Datasheet (PDF) - YAGEO Corporation

UBQ10A05L04-R0.4 Datasheet PDF - YAGEO Corporation
Part # UBQ10A05L04-R0.4
Download  UBQ10A05L04-R0.4 Download
File Size   495.36 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Electrostatic Discharged Protection Devices (ESD)

UBQ10A05L04-R0.4 Datasheet (PDF)

Go To PDF Page Download Datasheet
UBQ10A05L04-R0.4 Datasheet PDF - YAGEO Corporation

Part # UBQ10A05L04-R0.4
Download  UBQ10A05L04-R0.4 Click to download

File Size   495.36 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Electrostatic Discharged Protection Devices (ESD)

UBQ10A05L04-R0.4 Datasheet (HTML) - YAGEO Corporation


UBQ10A05L04-R0.4 Product details

Description
The UBQ10A05L04-R0.4 is an ultra low capacitance TVS array designed
to Protect high speed data interfaces. It has been specifically
Designed to protect sensitive components which is connected to data
an transmission lines from overvoltage caused by electrostatic discharge
(ESD),cable discharge events (CDE) and lightning.
The unique design incorporates surge rated, low capacitance steering
diodes and a TVS diode in a single package. During transient conditions,
the steering diodes direct the transient current to ground. The internal
TVS diode clamps the transient voltage to a safe level. The ultra low
capacitance array configuration allows the user to protect up to the high
speed data lines. This device is in a signal package, RoHS/WEEE
compliant, DFN2510 package. It measures 2.5×1.0×0.5mm.
Features

IEC61000-4-2 ESD 10kV Air, 10kV contact compliance

DFN2510 (2.5×1.0×0.5mm) surface mount package

Protects four I/O lines

Working voltage: 5V

Low leakage current

Low operating and clamping voltages

Solid-state silicon avalanche technology

Lead Free/RoHS compliant

Solder reflow temperature: Pure Tin-Sn, 260~270℃

Flammability rating UL 94V-0

Meets MSL level 1, per J-STD-020

Marking: B 54
Applications

High Definition Multimedia Interface (HDMI 1.4)

Digital Visual Interface (DVI)

Unified Display Interface (UDI)

Display Port Interface

MDDI Ports

PCI Express

Serial ATA

Type C/USB 3.0/USB 2.0




Similar Part No. - UBQ10A05L04-R0.4

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
UBQ10A05L04HI YAGEO-UBQ10A05L04HI Datasheet
500Kb / 6P
Electrostatic Discharge Protection Devices
November 02, 2018 V.0
More results


Similar Description - UBQ10A05L04-R0.4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
Socay Electornics Co., ...
ESD05V88D-LC SOCAY-ESD05V88D-LC Datasheet
714Kb / 6P
Electrostatic Discharge Protection Devices (ESD)
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
ESD Protection Devices
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV24 LEIDITECH-PESD0603AV24 Datasheet
553Kb / 6P
ESD Protection Devices
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
ESD Protection Devices
ESDPSA0402V18 DGNJDZ-ESDPSA0402V18 Datasheet
343Kb / 5P
ESD Protection Devices
3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com