Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBQ10A05L04-R0.4 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # UBQ10A05L04-R0.4
Description  Electrostatic Discharged Protection Devices (ESD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

UBQ10A05L04-R0.4 Datasheet(HTML) 4 Page - YAGEO Corporation

  UBQ10A05L04-R0.4 Datasheet HTML 1Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 2Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 3Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 4Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 5Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 6Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.yageo.com
Jul. 04, 2023 V.2
Electrostatic Discharge Protection Devices UBQ10A05L04-R0.4
Product Specification
Circuit Protection
Typical Characteristics Curves
Figure 1. Capacitance vs. Bias Voltage
Figure 2. Insertion Loss I/O to GND
Reverse Voltage (V)
0
1.0
0.6
0.4
0.2
0
1
2
4
3
5
0.8
F=1MHz
100
1000
Frequency (MHz)
10
-40
-35
-30
-25
-20
-15
-10
-5
0
5
Figure 3. Pulse Waveform
Figure 4. ESD Clamping (8kV Contact IEC61000-4-2)
Time (
μs)
td=t|PP/2
tr
Peak value Ipp
Waveform
Parameters:
tr=8µs
td=20µs
100
90
80
70
60
50
40
30
20
10
0
110
25
30
15
20
10
0
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com