Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBQ10A05L04-R0.4 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # UBQ10A05L04-R0.4
Description  Electrostatic Discharged Protection Devices (ESD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

UBQ10A05L04-R0.4 Datasheet(HTML) 6 Page - YAGEO Corporation

  UBQ10A05L04-R0.4 Datasheet HTML 1Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 2Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 3Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 4Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 5Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 6Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.yageo.com
Jul. 04, 2023 V.2
Electrostatic Discharge Protection Devices UBQ10A05L04-R0.4
Product Specification
Circuit Protection
Dimensions (DFN2510)
D
E
L
e
b2
b1
1
10
A2
A1
A
0.875
1.55
0.20
0.40
0.50
1.00
0.675
0.20
Recommended Soldering Pad Layout
Symbol
Dimension
Millimeters
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.45
0.55
0.65
0.018 0.022 0.026
A1
-
0.03
0.05
-
0.001 0.002
A2
0.13REF
0.005REF
b1
0.15
0.20
0.25
0.006 0.008 0.010
b2
0.35
0.40
0.45
0.014 0.016 0.018
D
2.40
2.50
2.60
0.094 0.098 0.102
E
0.90
1.00
1.10
0.035 0.039 0.043
e
0.50BSC
0.020BSC
L
0.30
0.38
0.43
0.012 0.015 0.017
Packaging
Tape
øD0
P2
K
t
P0
P1
øD1
A
Symbol
Dimension (mm)
W
8.00±0.30
P0
4.00±0.10
P1
4.00±0.10
P2
2.00±0.10
D0
Φ1.55±0.10
D1
Φ0.80±0.05
E
1.75±0.10
F
3.50±0.10
A
1.22±0.10
B
2.70±0.10
K
0.70±0.05
t
0.25±0.05
Reel
D
D2
W1
D
Φ178.0±2.0
D2
Φ13.0
W1
9.5
Quantity: 3000PCS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com