Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBQ10A05L04-R0.4 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # UBQ10A05L04-R0.4
Description  Electrostatic Discharged Protection Devices (ESD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

UBQ10A05L04-R0.4 Datasheet(HTML) 1 Page - YAGEO Corporation

  UBQ10A05L04-R0.4 Datasheet HTML 1Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 2Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 3Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 4Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 5Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 6Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
ELECTROSTATIC DISCHARGE
PROTECTION DEVICES
INDUSTRIAL / CONSUMER
UBQ10A05L04-R0.4
RoHS compliant & Halogen free


Similar Part No. - UBQ10A05L04-R0.4

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
UBQ10A05L04HI YAGEO-UBQ10A05L04HI Datasheet
500Kb / 6P
Electrostatic Discharge Protection Devices
November 02, 2018 V.0
More results

Similar Description - UBQ10A05L04-R0.4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
Socay Electornics Co., ...
ESD05V88D-LC SOCAY-ESD05V88D-LC Datasheet
714Kb / 6P
Electrostatic Discharge Protection Devices (ESD)
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
ESD Protection Devices
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV24 LEIDITECH-PESD0603AV24 Datasheet
553Kb / 6P
ESD Protection Devices
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
ESD Protection Devices
ESDPSA0402V18 DGNJDZ-ESDPSA0402V18 Datasheet
343Kb / 5P
ESD Protection Devices
3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com