Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBQ10A05L04-R0.4 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # UBQ10A05L04-R0.4
Description  Electrostatic Discharged Protection Devices (ESD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

UBQ10A05L04-R0.4 Datasheet(HTML) 3 Page - YAGEO Corporation

  UBQ10A05L04-R0.4 Datasheet HTML 1Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 2Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 3Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 4Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 5Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 6Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.yageo.com
Jul. 04, 2023 V.2
Electrostatic Discharge Protection Devices UBQ10A05L04-R0.4
Product Specification
Circuit Protection
Maximum Ratings
Rating
Symbol
Value
Unit
ESD voltage (Contact discharge)
VESD
±10
kV
ESD voltage (Air discharge)
±10
Storage & operating temperature range
TSTG ,TJ
-55~+150
℃
Electrical Characteristics (TJ=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Reverse stand-off voltage
VRWM
5
V
Reverse breakdown voltage
VBR
IBR=1.0mA
6
V
Reverse leakage current
IR
VR=5.0V
1
μA
Clamping voltage (tp=8/20μs)
VC
IPP=2.0A
10
V
Peak Pulse Current (tp=8/20μs)
IPP
2
A
Off state junction capacitance
(
Pin1/2/4/5 to Pin3/8)
CJ
0Vdc,f=1MHz
0.35
0.4
pF
Off state junction capacitance
(Between I/O Pins)
CJ
0Vdc,f=1MHz
0.2
0.3
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com