Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBQ10A05L04-R0.4 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # UBQ10A05L04-R0.4
Description  Electrostatic Discharged Protection Devices (ESD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

UBQ10A05L04-R0.4 Datasheet(HTML) 2 Page - YAGEO Corporation

  UBQ10A05L04-R0.4 Datasheet HTML 1Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 2Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 3Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 4Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 5Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 6Page - YAGEO Corporation UBQ10A05L04-R0.4 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.yageo.com
Jul. 04, 2023 V.2
Electrostatic Discharge Protection Devices UBQ10A05L04-R0.4
Product Specification
Circuit Protection
Electrostatic Discharged Protection Devices (ESD) Data Sheet
Description
The UBQ10A05L04-R0.4 is an ultra low capacitance TVS array designed
to Protect high speed data interfaces. It has been specifically
Designed to protect sensitive components which is connected to data
an transmission lines from overvoltage caused by electrostatic discharge
(ESD),cable discharge events (CDE) and lightning.
The unique design incorporates surge rated, low capacitance steering
diodes and a TVS diode in a single package. During transient conditions,
the steering diodes direct the transient current to ground. The internal
TVS diode clamps the transient voltage to a safe level. The ultra low
capacitance array configuration allows the user to protect up to the high
speed data lines. This device is in a signal package, RoHS/WEEE
compliant, DFN2510 package. It measures 2.5×1.0×0.5mm.
Features
●
IEC61000-4-2 ESD 10kV Air, 10kV contact compliance
●
DFN2510 (2.5×1.0×0.5mm) surface mount package
●
Protects four I/O lines
●
Working voltage: 5V
●
Low leakage current
●
Low operating and clamping voltages
●
Solid-state silicon avalanche technology
●
Lead Free/RoHS compliant
●
Solder reflow temperature: Pure Tin-Sn, 260~270℃
●
Flammability rating UL 94V-0
●
Meets MSL level 1, per J-STD-020
●
Marking: B 54
Applications
●
High Definition Multimedia Interface (HDMI 1.4)
●
Digital Visual Interface (DVI)
●
Unified Display Interface (UDI)
●
Display Port Interface
●
MDDI Ports
●
PCI Express
●
Serial ATA
●
Type C/USB 3.0/USB 2.0
Pin Configuration



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com