Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet (PDF) - Texas Instruments

LP3905 Datasheet PDF - Texas Instruments
Part # LP3905
Download  LP3905 Download
File Size   1013.41 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3905 Power Management Unit For Low Power Handheld Applications

LP3905 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3905 Datasheet PDF - Texas Instruments

Part # LP3905
Download  LP3905 Click to download

File Size   1013.41 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3905 Power Management Unit For Low Power Handheld Applications

LP3905 Datasheet (HTML) - Texas Instruments


LP3905 Product details

1FEATURES
• Two Buck Regulators for Powering High
Current Processor Functions or Peripheral
Devices
• Two Linear Regulators for Powering Internal
Processor Functions and I/Os
• One Enable Pin for Buck1 and Linear
Regulators 1 and 2
• Separate Enable Pin for Buck2
• Thermal and Current Overload Protection
• Small 14–Pin WSON Package (4x4mmx0.8mm)

APPLICATIONS
• Baseband Processors
• Peripheral Processor (Video, Audio)
• I/O Power
• FPGA Power

DESCRIPTION
LP3905 is a multi-functional Power Management Unit,
optimized for low power handheld applications. This
device integrates two 600mA DC-DC buck regulators
and two 150mA linear regulators. Fixed and
adjustable buck output versions are available. The
LP3905 additionally features two enable pins for the
device output control and is offered in an WSON
package.

KEY SPECIFICATIONS
Buck Regulators
• Fixed and Adjustable Voltage Options, Range
1.0V to 3.3V(1)
• Up to 90% Efficiency
• Auto-Switching PFM-PWM Mode and Fixed
PWM Mode
• 2MHz PWM Fixed Switching Frequency (Typ)
• 600mA Output Current
• ±4% Output Voltage Accuracy Over Temp
• Internal SoftStart
• 2.2μH Inductor, 10μF Input and Output Caps
Linear Regulators
• Output Options in the Range 1.5V to 3.3V(1)
• 13.5μVrms Output Voltage Noise
• PSRR - 70dB @ 1kHz
• ±3% Output Voltage Accuracy Over Full Line
and Load Regulation
• 0mA to 150mA Output Current
• Cin = 1.0μF, Cout = 0.47μF for 100mA O/P
• Cin = 1.0μF, Cout = 1.0μF for 150mA O/P
• 80mV Dropout Voltage




Similar Part No. - LP3905

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
Power Management Unit For Low Power Handheld Applications
logo
National Semiconductor ...
LP3905SD-00 NSC-LP3905SD-00 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
LP3905SD-30 NSC-LP3905SD-30 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
LP3905SD-A3 NSC-LP3905SD-A3 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
More results


Similar Description - LP3905

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
Power Management Unit For Low Power Handheld Applications
logo
NXP Semiconductors
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
TEA5767HL PHILIPS-TEA5767HL Datasheet
187Kb / 36P
Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
High Performance Power Management Unit for Handset Applications
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
High Performance Power Management Unit for Handset Applications
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
Power Management ICs for Handheld Device
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
Power Management Unit For Low Power Handheld Applications
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
Power Management Unit for Power Banks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com