Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 3 Page - Texas Instruments

  LP3905 Datasheet HTML 1Page - Texas Instruments LP3905 Datasheet HTML 2Page - Texas Instruments LP3905 Datasheet HTML 3Page - Texas Instruments LP3905 Datasheet HTML 4Page - Texas Instruments LP3905 Datasheet HTML 5Page - Texas Instruments LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
PIN DESCRIPTIONS
Pin No.
Name
Description
1
EN2
Enable Pin for Buck2
2
TGND
Ground Pin
3
LDO2
LDO2 Output Pin
4
VIN2
Input Power Terminal to LDO1 and 2
5
LDO1
LDO1 Output Pin
6
GND
LDO1 and 2 Ground Pin
7
EN1
Enable Pin for Buck1 and LDO1 and 2
8
FB1
Buck1 Feedback Pin
9
GND_B1
Buck1 Ground Pin
10
SW1
Buck1 Switch Pin
11
VIN1
Input Power Terminal to Buck1 and 2
12
SW2
Buck2 Switch Pin
13
GND_B2
Buck2 Ground Pin
14
FB2
Buck2 Feedback Pin
DAP
SGND
Die Attach Pad (DAP)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com